Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5212 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5212
Description  Dual 500 mA LDO Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5212 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5212 Datasheet HTML 1Page - Microchip Technology MIC5212 Datasheet HTML 2Page - Microchip Technology MIC5212 Datasheet HTML 3Page - Microchip Technology MIC5212 Datasheet HTML 4Page - Microchip Technology MIC5212 Datasheet HTML 5Page - Microchip Technology MIC5212 Datasheet HTML 6Page - Microchip Technology MIC5212 Datasheet HTML 7Page - Microchip Technology MIC5212 Datasheet HTML 8Page - Microchip Technology MIC5212 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MIC5212
DS20005774B-page 4
2017 - 2022 Microchip Technology Inc. and its subsidiaries
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Storage Temperature Range
TA
–60
—
+150
°C
—
Lead Temperature
TJ
—
+260
—
°C
Soldering, 5 sec.
Junction Temperature
TJ
–40
—
+125
°C
—
Package Thermal Resistances
Thermal Resistance, SOIC-8Ld
JC
—
20
—
°C/W
Note 2
JA
—
63
—
°C/W
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.
2: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical
specifications do not apply when operating the device outside of its operating ratings. The maximum
allowable power dissipation is a function of the maximum junction temperature, TJ(max), the junc-
tion-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power
dissipation at any ambient temperature is calculated using: PD(max) = (TJ(max) – TA) ÷ θJA. Exceeding the
maximum allowable power dissipation will result in excessive die temperature, and the regulator will go
into thermal shutdown. The θJA of the 8-lead SOIC (M) is 63°C/W mounted on a PC board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com