Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5252 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5252
Description  150 mA High PSRR, Low Noise 關Cap CMOS LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5252 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5252 Datasheet HTML 1Page - Microchip Technology MIC5252 Datasheet HTML 2Page - Microchip Technology MIC5252 Datasheet HTML 3Page - Microchip Technology MIC5252 Datasheet HTML 4Page - Microchip Technology MIC5252 Datasheet HTML 5Page - Microchip Technology MIC5252 Datasheet HTML 6Page - Microchip Technology MIC5252 Datasheet HTML 7Page - Microchip Technology MIC5252 Datasheet HTML 8Page - Microchip Technology MIC5252 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MIC5252
DS20006579B-page 4
2021 - 2022 Microchip Technology Inc.
Enable Input
Enable Input Logic-Low Voltage
VIL
—
—
0.4
V
VIN = 2.7V to 5.5V, regulator
shutdown
Enable Input Logic-High Voltage
VIH
1.6
—
—
V
VIN = 2.7V to 5.5V, regulator
enabled
Enable Input Current
IEN
—
0.01
1
μA
VIL ≤ 0.4V, regulator
shutdown
—
0.01
1
μA
VIH ≥ 1.6V, regulator
enabled
Shutdown Resistance Discharge
—
—
500
—
Ω
—
Thermal Protection
Thermal Shutdown Temperature
—
—
150
—
°C
—
Thermal Shutdown Hysteresis
—
—
10
—
°C
—
Note 1: Specification for packaged product only.
2: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are
tested for load regulation in the load range from 0.1 mA to 150 mA. Changes in output voltage due to
heating effects are covered by the thermal regulation specification.
3: Dropout Voltage is defined as the input-to-output differential at which the output voltage drops 2% below
its nominal value measured at 1V differential. For outputs below 2.7V, dropout voltage is the input-to-out-
put voltage differential with the minimum input voltage 2.7V. Minimum input operating voltage is 2.7V.
4: Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum
of the load current plus the ground pin current.
ELECTRICAL CHARACTERISTICS (CONTINUED)
VIN = VOUT + 1V, VEN = VIN; IOUT = 100 μA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
(Note 1)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Junction Temperature Range
TJ
–40
—
+125
°C
—
Maximum Junction Temperature
TJ(MAX)
–40
—
+125
°C
—
Lead Temperature
—
—
—
+260
°C
Soldering, 5 seconds
Storage Temperature
TS
–65
—
+150
°C
—
Package Thermal Resistance
Thermal Resistance, SOT-23
θJA
—
235
—
°C/W —
Thermal Resistance, 2x2 VDFN
θJA
—
90
—
°C/W —
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum rating. Sustained junction temperatures above that maximum can impact device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com