Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVM13630 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13630
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod??QFN Package
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 19Page - Texas Instruments TLVM13630 Datasheet HTML 20Page - Texas Instruments TLVM13630 Datasheet HTML 21Page - Texas Instruments TLVM13630 Datasheet HTML 22Page - Texas Instruments TLVM13630 Datasheet HTML 23Page - Texas Instruments TLVM13630 Datasheet HTML 24Page - Texas Instruments TLVM13630 Datasheet HTML 25Page - Texas Instruments TLVM13630 Datasheet HTML 26Page - Texas Instruments TLVM13630 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
8 Applications and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TLVM13630 only requires a few external components to convert from a wide range of supply voltages to a
fixed output voltage. The following section describes the design procedure to configure the TLVM13630 power
module. To expedite and streamline the design process, WEBENCH® online software is available to generate
complete designs, leveraging iterative design procedures and access to comprehensive component databases.
As mentioned previously, the TLVM13630 also integrates several optional features to meet system design
requirements, including the following:
• Precision enable with hysteresis
• External adjustable UVLO
• Adjustable SW node slew rate
• Power-good indicator
The following application circuit detailed shows the TLVM13630 configuration options suitable for several
application use cases.
8.2 Typical Applications
The following are sample typical applications along with design procedure for the implemenation of TLVM13630.
8.2.1 Design 1: 3-A Synchronous Buck Regulator for Industrial Applications
Figure 8-1 shows the schematic diagram of a 5-V, 3-A buck regulator with a switching frequency of 1 MHz. The
nominal input voltage for the sample design is 24 V. A resistor RRT of 13 kΩ sets the free-running switching
frequency at 1 MHz. An optional SYNC input signal allows adjustment of the switching frequency for this specific
application.
PG
EN
RT
PGND
AGND
VOUT
FB
VLDOIN
VIN
PGND
VIN
CIN2
COUT
RFBB
TLVM13630
RRT
IOUT(max) = 3 A
VIN = 24 V
RENT
RENB
Optional
external bias
VIN(on) = 6 V
VIN(off) = 4.3 V
RPG
VCC
PGOOD
indicator
VOUT = 5 V
CIN1
VOUT
2
47 F
13 k
10 k
40.2 k
4.7 F
4.7 F
100 k
374 k
100 k
RFBT
PGND
1 F
CVCC
Figure 8-1. Circuit Schematic
www.ti.com
TLVM13630
SLVSFT6B – MAY 2021 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com