Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7308FPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308FPWR
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308FPWR Datasheet(HTML) 2 Page - Texas Instruments

  TMUX7308FPWR Datasheet HTML 1Page - Texas Instruments TMUX7308FPWR Datasheet HTML 2Page - Texas Instruments TMUX7308FPWR Datasheet HTML 3Page - Texas Instruments TMUX7308FPWR Datasheet HTML 4Page - Texas Instruments TMUX7308FPWR Datasheet HTML 5Page - Texas Instruments TMUX7308FPWR Datasheet HTML 6Page - Texas Instruments TMUX7308FPWR Datasheet HTML 7Page - Texas Instruments TMUX7308FPWR Datasheet HTML 8Page - Texas Instruments TMUX7308FPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings........................................ 5
7.2 ESD Ratings............................................................... 5
7.3 Thermal Information....................................................6
7.4 Recommended Operating Conditions.........................6
7.5 Electrical Characteristics (Global)...............................6
7.6 ±15 V Dual Supply: Electrical Characteristics.............7
7.7 ±20 V Dual Supply: Electrical Characteristics...........10
7.8 12 V Single Supply: Electrical Characteristics.......... 13
7.9 36 V Single Supply: Electrical Characteristics.......... 16
7.10 Typical Characteristics............................................ 19
8 Parameter Measurement Information.......................... 26
8.1 On-Resistance.......................................................... 26
8.2 Off-Leakage Current................................................. 26
8.3 On-Leakage Current................................................. 27
8.4 Input and Output Leakage Current Under
Overvoltage Fault........................................................ 27
8.5 Break-Before-Make Delay.........................................28
8.6 Enable Delay Time....................................................29
8.7 Transition Time......................................................... 29
8.8 Fault Response Time................................................30
8.9 Fault Recovery Time.................................................30
8.10 Charge Injection......................................................31
8.11 Off Isolation............................................................. 31
8.12 Crosstalk................................................................. 32
8.13 Bandwidth............................................................... 33
8.14 THD + Noise........................................................... 33
9 Detailed Description......................................................34
9.1 Overview................................................................... 34
9.2 Functional Block Diagram......................................... 34
9.3 Feature Description...................................................34
9.4 Device Functional Modes..........................................37
10 Application and Implementation................................ 39
10.1 Application Information........................................... 39
10.2 Typical Application.................................................. 39
11 Power Supply Recommendations..............................40
12 Layout...........................................................................41
12.1 Layout Guidelines................................................... 41
12.2 Layout Example...................................................... 41
13 Device and Documentation Support..........................43
13.1 Documentation Support.......................................... 43
13.2 Receiving Notification of Documentation Updates..43
13.3 Support Resources................................................. 43
13.4 Trademarks.............................................................43
13.5 Electrostatic Discharge Caution..............................43
13.6 Glossary..................................................................43
14 Mechanical, Packaging, and Orderable
Information.................................................................... 43
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (October 2021) to Revision B (December 2021)
Page
• Changed the status of the data sheet from: Advanced Information to: Production Data ...................................1
TMUX7308F, TMUX7309F
SCDS403B – FEBRUARY 2021 – REVISED DECEMBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com