Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN524RAMR Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN524RAMR
Description  Numeric Display
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN524RAMR Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN524RAMR Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit: mm
303
Lead wire dimension
Red
Green
VF
IF
Max
IR
IO / seg
Red
Red
Green
Green
Lighting
Color
2 Digit 11.0 mm (.4”) Series
s Absolute Maximum Ratings (T
a = 25°C)
Lighting Color
Conventional Part No.
Global Prat No.
Lighting Color
LN524RAMR ············ LNM224AP01 ·········· Red
LN524RKMR ············ LNM224KP01 ·········· Red
LN524GAMG ··········· LNM324AP01 ·········· Green
LN524GKMG ··········· LNM324KP01 ·········· Green
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
Numeric Display
LN524RAMR
LN524RKMR
LN524GAMG
LN524GKMG
Unit
Anode
Cathode
Anode
Cathode
µcd
µcd
µcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Common
Typ
Typ
Max
Typ
Typ
IF
VR
λ
P
∆λ
PD(mW)
IF(mA)
IFP(mA)
VR(V)
Topr(°C)
Tstg(°C)
40
40
15
15
80
80
5
5
−25 ∼ +80
−25 ∼ +80
−30 ∼ +85
−30 ∼ +85
Min
Typ
IO /d.p
450
450
1500
1500
200
200
500
500
150
150
500
500
5
5
10
10
2.03
2.03
2.03
2.03
2.8
2.8
2.8
2.8
700
700
565
565
100
100
30
30
10
10
10
10
10
10
10
10
5
5
5
5
Terminal Connection
Pin
No.
Assignment
1
Cathode e
Assignment
2
3
4
5
6
7
8
9
10
Cathode d
Cathode c
Cathode dp
Cathode b
Cathode a
Cathode g
Cathode f
Common Anode D2
Common Anode D1
1.6
1.8
2.0
2.4
2.2
100
50
30
5
3
10
1
Forward Current
Ambient Temperature
IF VF
0
0
20
10
5
15
20
25
40
60
80
100
IF Ta
Forward Voltage
3
1
5
10
50
100
30
10000
5000
3000
500
300
1000
100
IO IF
LN524RAMR
LN524RKMR
LN524RAMR
LN524RKMR
Anode e
Anode d
Anode c
Anode dp
Anode b
Anode a
Anode g
Anode f
Common Cathode D2
Common CathodeD1
6.0
1.0
2.54
× 6 = ∗15.24
∗2.54
10
− φ0.45 ± 0.1
1.0
2
− φ1.4
1.5
8.5
10.0
19.8
±
10
°
0.35
0
7
6
5
4
3
2
1
8
9
10
a
dp
c
d
D2
b
e
f
g
D1


Similar Part No. - LN524RAMR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN524RA PANASONIC-LN524RA Datasheet
22Kb / 1P
Numeric Display
LN524RAS PANASONIC-LN524RAS Datasheet
23Kb / 1P
Numeric Display
More results

Similar Description - LN524RAMR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN5110OGAMW PANASONIC-LN5110OGAMW Datasheet
20Kb / 1P
Numeric Display
LN513RA PANASONIC-LN513RA Datasheet
21Kb / 1P
Numeric Display
LN513YA PANASONIC-LN513YA Datasheet
21Kb / 1P
Numeric Display
LN513YAS PANASONIC-LN513YAS Datasheet
21Kb / 1P
Numeric Display
LN514RA PANASONIC-LN514RA Datasheet
21Kb / 1P
Numeric Display
LN514YA PANASONIC-LN514YA Datasheet
21Kb / 1P
Numeric Display
LN516RA PANASONIC-LN516RA Datasheet
21Kb / 1P
Numeric Display
LN518RA PANASONIC-LN518RA Datasheet
21Kb / 1P
Numeric Display
LN523YAMY PANASONIC-LN523YAMY Datasheet
21Kb / 1P
Numeric Display
LN543OAN8 PANASONIC-LN543OAN8 Datasheet
25Kb / 1P
Numeric Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com