Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPOS-P03 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UPOS-P03
Description  Magnetic Stripe Card Reader
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UPOS-P03 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UPOS-P03 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UPOS-P03
Magnetic Stripe Card Reader
UPOS-P03
MSR + iButton
Specifications
Product Name
Magnetic Stripe Card Reader
Read Speed
3 – 75 inch/sec
Power Supply
5VDC+/-5%
IO Interface
PS2
Ordering Information
Specifications
Ordering Information
Ubiquitous
POS 2XX Modules
All product specifications are subject to change without notice
Last updated :
17-Nov-2017
Track
track2 bit density is 75 BPI
track1/3 bit density is 210 BPI
Coercivity of magnetic stripe is 300 Oe to 4000 Oe
Life Cycle
ISO
Dimension
Environment
1000000 times
ISO7811,JIS II
29.1x17.5x75(mm)
Operation Temp. 0℃ — +40℃
Storage Temp. -40℃ — +55℃
Product Name
MSR + iButton 2 in 1 module
Read Speed
3 – 75 inch/sec
Power Supply
5VDC+/-5%
iButton Key
Dallas Semiconductors iButton keys DS1990A
Track
track2 bit density is 75 BPI
track1/3 bit density is 210 BPI
Coercivity of magnetic stripe is 300 Oe to 4000 Oe
1000000 times
PS2
ISO7811,JIS II
29.1x22x75(mm)
Life Cycle
IO Interface-MSR
Operation Temp. 0℃ — +40℃
Storage Temp. -40℃ — +55℃
Environment
ISO
Dimension
(ISO TRACK 1,2,3)
(ISO TRACK 1,2,3)
IO Interface-iButton
PS2
P/N
UPOS-P03-B117
Description
MSR,PS2 for UPOS-211,black,Slim version
P/N
UPOS-P03-B118
Description
MSR+ibutton for UPOS-211,black,Slim version


Similar Part No. - UPOS-P03

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UPOS-P03 ADVANTECH-UPOS-P03 Datasheet
150Kb / 1P
MSRRFID
11-Nov-2017
UPOS-P03-A102 ADVANTECH-UPOS-P03-A102 Datasheet
150Kb / 1P
MSRRFID
11-Nov-2017
UPOS-P03-A103 ADVANTECH-UPOS-P03-A103 Datasheet
150Kb / 1P
MSRRFID
11-Nov-2017
UPOS-P03-A302 ADVANTECH-UPOS-P03-A302 Datasheet
150Kb / 1P
MSRRFID
11-Nov-2017
UPOS-P03-A303 ADVANTECH-UPOS-P03-A303 Datasheet
150Kb / 1P
MSRRFID
11-Nov-2017
More results

Similar Description - UPOS-P03

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56710FP MITSUBISHI-M56710FP Datasheet
184Kb / 8P
F2F MAGNETIC STRIPE ENCORDING CARD READER
M54910P MITSUBISHI-M54910P Datasheet
362Kb / 7P
F2F MAGNETIC STRIPE ENCORDING CARD READER
M54914FP MITSUBISHI-M54914FP Datasheet
462Kb / 7P
F2F MAGNETIC STRIPE ENCORDING CARD READER
logo
Panasonic Semiconductor
ZU-1870MA8R PANASONIC-ZU-1870MA8R Datasheet
353Kb / 32P
MAGNETIC CARD READER SPECIFICATION
logo
Renesas Technology Corp
M56710FP RENESAS-M56710FP Datasheet
164Kb / 14P
F2F Magnetic Stripe Encoding Card Reader
logo
Omron Electronics LLC
3S4YR-SBRN OMRON-3S4YR-SBRN Datasheet
350Kb / 2P
Manual Insert Magnetic Card Reader
logo
Cherry Semiconductor Co...
G81-7040 CHERRY-G81-7040 Datasheet
95Kb / 2P
Magnetic Stripe Reader
G80-7040LUVEU-2 CHERRY-G80-7040LUVEU-2 Datasheet
141Kb / 2P
Programmable Magnetic Stripe Reader
logo
Omron Electronics LLC
3S4YR-SGR OMRON-3S4YR-SGR Datasheet
257Kb / 4P
Insert Magnetic/IC Card Reader
logo
Advantech Co., Ltd.
USC-P03 ADVANTECH-USC-P03 Datasheet
198Kb / 1P
Magnetic Stripe Card Reader
23-Nov-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com