Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB5AX2 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZB5AX2
Description  Head for non illuminated push button, Harmony XB5, black 횠 60 mushroom pushbutton 횠22 mm latching pull
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB5AX2 Datasheet(HTML) 1 Page - Schneider Electric

  ZB5AX2 Datasheet HTML 1Page - Schneider Electric ZB5AX2 Datasheet HTML 2Page - Schneider Electric ZB5AX2 Datasheet HTML 3Page - Schneider Electric ZB5AX2 Datasheet HTML 4Page - Schneider Electric ZB5AX2 Datasheet HTML 5Page - Schneider Electric ZB5AX2 Datasheet HTML 6Page - Schneider Electric ZB5AX2 Datasheet HTML 7Page - Schneider Electric ZB5AX2 Datasheet HTML 8Page - Schneider Electric ZB5AX2 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product data sheet
Specifications
Head for non illuminated push
button, Harmony XB5, black Ø 60
mushroom pushbutton Ø22 mm
latching pull
ZB5AX2
Product availability : Stock - Normally stocked in distribution
facility
Price* : 46.00 USD
Main
Range of Product
Harmony XB5
Product or Component Type
Head for non-illuminated push-button
Device short name
ZB5
Bezel material
Dark grey plastic
Head type
Standard
Mounting diameter
0.87 in (22 mm)
Sale per indivisible quantity
1
Shape of signaling unit head
Round
Type of operator
latching
Reset
Push-pull
Operator profile
Black mushroom Ø 60 mm, unmarked
Device presentation
Basic element
Complementary
CAD overall width
2.36 in (60 mm)
CAD overall height
2.36 in (60 mm)
CAD overall depth
2.20 in (56 mm)
Net Weight
0.15 lb(US) (0.067 kg)
Mechanical durability
500000 cycles
Station name
XALD 1 cut-out
Electrical composition code
C11 3 single front mounting
C15 1 single front mounting
SF1 3 single front mounting
SR1 3 single rear mounting
C7 4 single front mounting
C8 4 single and double front mounting
C10 4 single and double front mounting
Compatibility code
ZB5
Environment
Protective treatment
TH
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Mar 16, 2022
1


Similar Part No. - ZB5AX2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB5AA0 SCHNEIDER-ZB5AA0 Datasheet
437Kb / 12P
Harmony XB5, Push button head, plastic, 횠22, spring return,without cap
Mar 7, 2022
ZB5AA1 SCHNEIDER-ZB5AA1 Datasheet
429Kb / 12P
Harmony XB5, Push button head, plastic, flush, white, 횠22, spring return, unmarked
Mar 7, 2022
ZB5AA131 SCHNEIDER-ZB5AA131 Datasheet
434Kb / 12P
Harmony XB5, Push button head, plastic, flush, white, 횠22, spring return, marked I
Mar 7, 2022
ZB5AA14 SCHNEIDER-ZB5AA14 Datasheet
397Kb / 12P
Head for non illuminated push button, Harmony XB5, XB4, white flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5AA16 SCHNEIDER-ZB5AA16 Datasheet
426Kb / 12P
Head for non illuminated push button, Harmony XB5, XB4, white recessed pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
More results

Similar Description - ZB5AX2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BS12K SCHNEIDER-ZB4BS12K Datasheet
358Kb / 12P
Head for non illuminated push button, Harmony XB4, XB5, black 횠 40 mushroom pushbutton 횠22 mm latching key release
Oct 18, 2021
ZB4BS62 SCHNEIDER-ZB4BS62 Datasheet
421Kb / 13P
Head for non illuminated push button, Harmony XB4, XB5, black 횠 60 mushroom pushbutton 횠22 mm latching turn release
Oct 18, 2021
ZB4BS727 SCHNEIDER-ZB4BS727 Datasheet
374Kb / 12P
Head for non illuminated push button, Harmony XB4, XB5, black 횠 30 mushroom pushbutton 횠22 mm latching key release
Oct 18, 2021
ZB4BT3 SCHNEIDER-ZB4BT3 Datasheet
361Kb / 13P
Head for non illuminated push button, Harmony XB4, green 횠 40 mushroom pushbutton 횠22 mm latching pull
Oct 18, 2021
ZB4BT6 SCHNEIDER-ZB4BT6 Datasheet
365Kb / 13P
Head for non illuminated push button, Harmony XB4, blue 횠 40 mushroom pushbutton 횠22 mm latching pull
Oct 18, 2021
ZB4BT57 SCHNEIDER-ZB4BT57 Datasheet
360Kb / 12P
Head for non illuminated push button, Harmony XB4, XB5, yellow 횠 40 mushroom pushbutton 횠22 mm latching pull
Oct 18, 2021
ZB5AS12 SCHNEIDER-ZB5AS12 Datasheet
386Kb / 13P
Head for non illuminated push button, Harmony XB5, black 횠 40 mushroom pushbutton 횠22 mm latching key release
Mar 16, 2022
ZB5AS62 SCHNEIDER-ZB5AS62 Datasheet
443Kb / 13P
Head for non illuminated push button, Harmony XB5, black 횠 60 mushroom pushbutton 횠22 mm latching turn release
Mar 16, 2022
ZB5AS72 SCHNEIDER-ZB5AS72 Datasheet
381Kb / 13P
Head for non illuminated push button, Harmony XB5, black 횠 30 mushroom pushbutton 횠22 mm latching key release
Mar 16, 2022
ZB5AT24 SCHNEIDER-ZB5AT24 Datasheet
385Kb / 13P
Head for non illuminated push button, Harmony XB5, black 횠 30 mushroom pushbutton 횠22 mm latching pull
Mar 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com