Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KFS Datasheet(PDF) 1 Page - Schurter Inc.

Part # KFS
Description  IEC Appliance Inlet C14 with Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KFS Datasheet(HTML) 1 Page - Schurter Inc.

  KFS Datasheet HTML 1Page - Schurter Inc. KFS Datasheet HTML 2Page - Schurter Inc. KFS Datasheet HTML 3Page - Schurter Inc. KFS Datasheet HTML 4Page - Schurter Inc. KFS Datasheet HTML 5Page - Schurter Inc. KFS Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Power Entry Modules with Line Filter
KFS
https://www.schurter.com /PG06
EMC Products
IEC Appliance Inlet C14 with Filter
See below:
Approvals and Compliances
C14
70° C
Description
- Panel mount :
Screw-on mounting front side
- 2 Functions :
Appliance Inlet Protection class I , Line-filter in standard version
- Quick connect terminals 6.3 x 0.8 mm
Characteristics
- Compact design with optimal shielding
- All single elements are already wired
- Universal line filter for standard applications
- For applications according IEC/UL 62368-1 we recommend variants
with bleed resistor
References
We recommend for new applications the type 5120
Weblinks
pdf data sheet, html datasheet, General Product Information, Approvals,
Distributor-Stock-Check, Accessories, Detailed request for product
Newly available variants corresponding to V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset.
The cord latching system prevents against accidental removal of the cordset.
Technical Data
Ratings IEC
1 - 10 A @ Ta 40 °C / 250 VAC; 50 Hz
Ratings UL/CSA
1 - 10 A @ Ta 40 °C / 250 VAC; 60 Hz
Leakage Current
standard < 0.5 mA (250 V / 60 Hz)
Dielectric Strength
> 1.7 kVDC between L-N
> 2.7 kVDC between L/N-PE
Test voltage (2 sec)
Impulse Withstand Voltage
> 2.5 kV between L-N (CX2)
> 5 kV between L/N-PE
Allowable Operation Tempe-
rature
-25 °C to 85 °C
Climatic Category
25/085/21 acc. to IEC 60068-1
IP-Protection
front side IP40 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Quick connect terminals 6.3 x 0.8 mm
Panel Thickness S
Screw: max 8 mm
Mounting screw torque max 0.5 Nm
Material: Housing
Thermoplastic, black, UL 94V-0
Appliance inlet/-outlet
C14 acc. to IEC 60320-1,
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I
Line Filter
Standard version, IEC 60939, UL 1283,
CSA C22.2 no. 8
Technical Details
MTBF
> 3'100'000 h acc. to MIL-HB-217 F
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.


Similar Part No. - KFS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KFS SCHURTER-KFS Datasheet
462Kb / 3P
IEC Appliance Inlet C14 with Filter
KFS SCHURTER-KFS Datasheet
476Kb / 5P
IEC Appliance Inlet C14 with Filter
logo
M-System Co.,Ltd.
KFS MSYSTEM-KFS Datasheet
114Kb / 4P
Plug-in Signal Conditioners K-UNIT
logo
List of Unclassifed Man...
KFS ETC-KFS Datasheet
61Kb / 1P
Machined Aluminum Series
logo
M-System Co.,Ltd.
KFS-01-B MSYSTEM-KFS-01-B Datasheet
114Kb / 4P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KFS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KFS SCHURTER-KFS Datasheet
462Kb / 3P
IEC Appliance Inlet C14 with Filter
KP01105201 SCHURTER-KP01105201 Datasheet
704Kb / 4P
IEC Appliance Inlet C14 with Appliance Outlet F
5110 SCHURTER-5110 Datasheet
659Kb / 5P
IEC Appliance Inlet C14 with Filter
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
IEC Appliance Inlet C14 with Filter
5150 SCHURTER-5150_17 Datasheet
445Kb / 6P
IEC Appliance Inlet C14 with High Frequency Filter
5707 SCHURTER-5707_17 Datasheet
838Kb / 8P
IEC Appliance Inlet C14 or C18 with Filter
6048 SCHURTER-6048_18 Datasheet
318Kb / 4P
IEC Appliance Inlet C14
KFS SCHURTER-KFS_17 Datasheet
476Kb / 5P
IEC Appliance Inlet C14 with Filter
5110 SCHURTER-5110_V01 Datasheet
713Kb / 6P
IEC Appliance Inlet C14 with Filter
KP01105201 SCHURTER-KP01105201_V01 Datasheet
551Kb / 6P
IEC Appliance Inlet C14 with Appliance Outlet F
15.09.2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com