Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS16 Datasheet(PDF) 4 Page - Schurter Inc.

Part # MCS16
Description  Metal Switch Short Stroke
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MCS16 Datasheet(HTML) 4 Page - Schurter Inc.

  MCS16 Datasheet HTML 1Page - Schurter Inc. MCS16 Datasheet HTML 2Page - Schurter Inc. MCS16 Datasheet HTML 3Page - Schurter Inc. MCS16 Datasheet HTML 4Page - Schurter Inc. MCS16 Datasheet HTML 5Page - Schurter Inc. MCS16 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Metal Line Switches
MCS 16
https://www.schurter.com /PG70
Switches
Dimension
14.5
+0.05
0
Diagrams
1
2
A1
A2
1. Illumination color
2. Illumination color
A1 + and A2 -
= illumination color 1
A1 - and A2 + = illumination color 2
COM
NO
Point Illumination
Operating Data
Forward Current max.
Forward Voltage at 10 mA
Forward Voltage max.
LED Colour 1: red/ Colour 2: green
25 mA
2.0 VDC
2.5 VDC
Attention: Switches are delivered without series resistor.
Lettering Colour of Laser Lettering
Material
Lettering Colour
Stainless Steel
black
Filled letters



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com