Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1P2101DA4/02 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MF1P2101DA4/02
Description  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P2101DA4/02 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MF1P2101DA4/02 Datasheet HTML 10Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 11Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 12Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 13Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 14Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 15Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 16Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 17Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
14 / 33
8.7 Security level switching
The MIFARE Plus EV1 offers a unique feature to support migration from CRYPTO1
based systems to AES based operation. The migration on the card-side is done using
different security levels supporting different cryptographic algorithms and protocols.
There are three security levels:
• Security level 0: initial delivery configuration, used for card personalization
• Security level 1: 3-Pass CRYPTO1 Authentication (backwards compatibility mode
with MIFARE Classic EV1 1K and MIFARE Classic EV1 4K) with optional AES
authentication, optional 3-Pass AES Authentication and secure messaging.
• Security level 3: 3-Pass authentication based on AES, new data manipulation
commands secured by AES encryption and an AES based MACing method
The security level switching (i.e. from security level 1 to security level 3) is performed
using the dedicated AES authentication switching keys.
Security level switching can be done for the whole card (CardSecurityLevel) or for
dedicated sectors only (SectorSecurityLevel). In case of dedicated sectors, these can
also be switched to a mixed mode SL1SL3Mix, where both security level 1 and security
level 3 operations are accepted. Security level switching, both at card or at sector level, is
only possible to a higher security level and not to a lower security level.
8.7.1 Switching CardSecurityLevel
CardSecurityLevel switching of MF1P(H)x1y1 means that the whole PICC is switching its
security level at once. This is also the method available in MIFARE Plus EV0 and is done
by an AES authentication with the L3SwitchKey.
The product is delivered in SL0. It is possible to upgrade the PICC to security level 3
either passing through the security level 1 or directly from security level 0.
8.7.2 Switching SectorSecurityLevel
Switching the Security Level of dedicated MIFARE Sectors is done by a multiple key
AES authentication, called AuthenticateSectorSwitch, addressing the L3SectorSwitchKey
or L1L3MixSectorSwitchKey, and the AESSectorKeyB of the targeted sectors. This
command is only available after ISO/IEC 14443-4 activation in security level 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com