Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1P2131DA4/02 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MF1P2131DA4/02
Description  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P2131DA4/02 Datasheet(HTML) 3 Page - NXP Semiconductors

  MF1P2131DA4/02 Datasheet HTML 1Page - NXP Semiconductors MF1P2131DA4/02 Datasheet HTML 2Page - NXP Semiconductors MF1P2131DA4/02 Datasheet HTML 3Page - NXP Semiconductors MF1P2131DA4/02 Datasheet HTML 4Page - NXP Semiconductors MF1P2131DA4/02 Datasheet HTML 5Page - NXP Semiconductors MF1P2131DA4/02 Datasheet HTML 6Page - NXP Semiconductors MF1P2131DA4/02 Datasheet HTML 7Page - NXP Semiconductors MF1P2131DA4/02 Datasheet HTML 8Page - NXP Semiconductors MF1P2131DA4/02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
3 / 33
4 Quick reference data
Remark: all values are target values only and subject to change until final product
release.
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ci
input capacitance
MF1P1y1
Tamb = 25°C; fi = 13.56 MHz;
1.5V RMS
16.15
17
17.85
pF
input capacitance
MF1PHx1y1
Tamb = 25°C; fi = 13.56 MHz;
1.5V RMS
66.5
70
73.5
pF
fi
input frequency
-
13.56
-
MHz
EEPROM characteristics
tret
retention time
Tamb = 22 °C
25
-
-
year
Nendu(W)
write endurance
Tamb = 22 °C; excluding anti-tearing
for AES keys or sector trailers in SL 3
200000
500000
-
cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com