Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3D2200DA6/01 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MF3D2200DA6/01
Description  MIFARE DESFire EV2 contactless multi-application IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3D2200DA6/01 Datasheet(HTML) 2 Page - NXP Semiconductors

  MF3D2200DA6/01 Datasheet HTML 1Page - NXP Semiconductors MF3D2200DA6/01 Datasheet HTML 2Page - NXP Semiconductors MF3D2200DA6/01 Datasheet HTML 3Page - NXP Semiconductors MF3D2200DA6/01 Datasheet HTML 4Page - NXP Semiconductors MF3D2200DA6/01 Datasheet HTML 5Page - NXP Semiconductors MF3D2200DA6/01 Datasheet HTML 6Page - NXP Semiconductors MF3D2200DA6/01 Datasheet HTML 7Page - NXP Semiconductors MF3D2200DA6/01 Datasheet HTML 8Page - NXP Semiconductors MF3D2200DA6/01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
NXP Semiconductors
MF3D(H)x2
MIFARE DESFire EV2 contactless multi-application IC
MF3Dx2_MF3DHx2_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 12 June 2019
COMPANY PUBLIC
364232
2 / 27
reader hardware platform of MIFARE products. MIFARE DESFire EV2 is your ticket to
secure contactless systems worldwide.
1.2 Evolution of MIFARE DESFire products family
MIFARE DESFire has evolved over time, enhancing its security properties to protect
against current and future security threats, and adding new features to better suit into
new user requirements.
MIFARE DESFire EV2 is the third generation of the MIFARE DESFire products family
succeeding MIFARE DESFire EV1 Contactless IC. It is functionally backward compatible
with both MIFARE DESFire EV1 and MIFARE DESFire D40 (MF3ICD40).
Figure 1 shows the relationship between the three generations of MIFARE DESFire
products. The latest generation encompasses the features from the older generation(s).
Therefore, allowing existing users of the older products to adopt the latest product with
minimum or no changes to their infrastructures.
MIFARE DESFire EV2 can be used as a MIFARE DESFire EV1 in its default delivery
configuration. Every new feature would require an activation and/or the use of new
commands.
aaa-034315
CC EAL5+ on HW and SW
2 KB, 4 KB, 8 KB, 16 KB or 32 KB EEPROM
Unlimited Applications, 32 files
6 file types - new Transaction MAC file
17 pF or 70 pF
CC EAL4+ on HW and SW
2 KB, 4 KB or 8 KB EEPROM
28 Applications, 32 files
5 file types
17 pF or 70 pF
Secure messaging (EV2):
AES128
Improved ISO7816-4 APDU and cmds
Configurable ATS with FSCI setting
up to 128 bytes transfer buffer
MIsmartApp
Transaction MAC
Multiple Key Sets
Multiple keys per access rights
Shared application management
Update Record command
Virtual Card Architecture
Proximity Check
Originality Check
4 KB EEPROM
28 Applications, 16 files
5 file types
17 pF
Secure messaging (D40):
2KTDEA and Single DES
ISO7816-4 APDU and cmds (3)
Automatic backup mechanism
1 PICC key, 14 keys per App
Higher baudrate (up to 848 kbps)
Secure messaging (EV1):
2KTDEA and 3KTDEA and AES128
Random ID
ISO7816-4 APDU and cmds (8)
ISO7816-4 file structure support
Configurable ATS
Figure 1. Evolution of MIFARE DESFire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com