Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMCS22 Datasheet(PDF) 4 Page - Schurter Inc.

Part # MSMCS22
Description  Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSMCS22 Datasheet(HTML) 4 Page - Schurter Inc.

  MSMCS22 Datasheet HTML 1Page - Schurter Inc. MSMCS22 Datasheet HTML 2Page - Schurter Inc. MSMCS22 Datasheet HTML 3Page - Schurter Inc. MSMCS22 Datasheet HTML 4Page - Schurter Inc. MSMCS22 Datasheet HTML 5Page - Schurter Inc. MSMCS22 Datasheet HTML 6Page - Schurter Inc. MSMCS22 Datasheet HTML 7Page - Schurter Inc. MSMCS22 Datasheet HTML 8Page - Schurter Inc. MSMCS22 Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Metal Line Switches
MSM CS 22
https://www.schurter.com /PG70
Switches
MSM 22 CS LE
NC
B
NO
COM
ø 18
C
D
0.5
20
E
ø 26
21.1
M22x1
ø 25
SW24
2.8
MSM 22 CS AI Single color
NC
NO
COM
SW24
2.8
0.5
ø 25
M22x1
E
C
D
20
2.8
ø 26
0.5
B
ø 18



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com