Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5535 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5535
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5535 Datasheet HTML 8Page - Analog Devices AD5535 Datasheet HTML 9Page - Analog Devices AD5535 Datasheet HTML 10Page - Analog Devices AD5535 Datasheet HTML 11Page - Analog Devices AD5535 Datasheet HTML 12Page - Analog Devices AD5535 Datasheet HTML 13Page - Analog Devices AD5535 Datasheet HTML 14Page - Analog Devices AD5535 Datasheet HTML 15Page - Analog Devices AD5535 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary Technical Data
AD5535
Rev. PrE | Page 13 of 16
APPLICATIONS INFORMATION
MEMS MIRROR CONTROL APPLICATION
The AD5535 is targeted to all optical switching control systems
based on micro-electromechanical systems (MEMS)
technology. The AD5535 is a 32-channel, 14-bit DAC with
integrated high voltage amplifiers. The output amplifiers are
capable of generating an output range of 0 V to 200 V when
using a 4 V reference. The full-scale output voltage is
programmable from 50 V to 200 V using reference voltages
from 1 V to 4V. Each amplifier can output 700 µA and directly
drives the control actuators, which determine the position of
MEMS mirrors in optical switch applications.
The AD5535 is generally used in a closed-loop feedback system,
as shown in Figure 15, with a high resolution ADC and DSP.
The exact position of each mirror is measured using capacitive
sensors. The sensor outputs are multiplexed using an ADG739
to an 8-channel 14-bit ADC (AD7856). An alternative solution
is to multiplex using a 32-to-1 multiplexer (ADG732) into a
single-channel ADC (AD7671). The control loop is driven by an
ADSP-21065L, a 32-bit SHARC DSP with an SPI-compatible
SPORT interface. With its 14-bit monotonic behavior and 0 V to
200 V output range coupled with its fast serial interface, the
AD5535 is ideally suited for controlling a cluster of MEMS-
based mirrors.
ADSP21065L
AD5535
OUTPUT RANGE
0V TO 200V
VO1
VO32
14-BIT DAC
14-BIT DAC
REF198
(4.096V)
ACTUATORS
FOR
MEMS
MIRROR
ARRAY
SENSOR
+
4 TO 1 MUX
(ADG739)
OR
32 TO 1 MUX
(ADG732)
8-CHANNEL
ADC (AD7856)
OR
SINGLE
CHANNEL
ADC (AD7671)
+210V
+5V
VPP
–5V
V–
V+
REF_IN
Figure 15. AD5535 in a MEMS-Based Optical Switch
AD5535 BOARD LAYOUT TO ENSURE
COMPLIANCE WITH IPC-221 SPECIFICATION
The diagram in Figure 16 is a typical 2-layer printed circuit
board layout for the AD5535 complying with the specifications
outlined in IPC221. The four corner balls labeled as original no-
connects must remain, because no connections and no signals
should be connected to these balls. Balls labeled as additional
no-connects should be connected to AGND.
The routing shown in Figure 16 shows the feasibility of
connecting to the high voltage balls while complying with the
spacing requirements of IPC-221. Figure 17 shows the physical
distances that are available.
A
B
C
D
E
F
G
J
H
K
L
M
N
P
10
8
7
6
3
2
1
9
5
4
11 12 13 14
1.414mm
2mm
250
µm RAD
SPACE = 433
µm
100
µm
250
µm RAD
SPACE = 433
µm
SPACE = 433
µm
100
µm
DETAIL A
A1 BALL PAD CORNER
1
1
1
ORIGINAL
NO-CONNECTS
ADDITIONAL
NO-CONNECTS
1
Figure 16. Layout Guidelines to Comply with IPC-221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com