Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951411 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS951411
Description  System Clock Chip for ATI RS400 P4TM-based Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951411 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS951411 Datasheet HTML 3Page - Integrated Circuit Systems ICS951411 Datasheet HTML 4Page - Integrated Circuit Systems ICS951411 Datasheet HTML 5Page - Integrated Circuit Systems ICS951411 Datasheet HTML 6Page - Integrated Circuit Systems ICS951411 Datasheet HTML 7Page - Integrated Circuit Systems ICS951411 Datasheet HTML 8Page - Integrated Circuit Systems ICS951411 Datasheet HTML 9Page - Integrated Circuit Systems ICS951411 Datasheet HTML 10Page - Integrated Circuit Systems ICS951411 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS951411
0891E—03/07/05
SRC FS4
(SS_EN)
SRC
FS3
Bit2
FS2
Bit1
FS1
Bit0
FS0
SRC(7:3,0),
ATIG(1:0)
(MHz)
Spread
%
SRC
OverClock
00
0
0
0
100.00
0
1.00
00
0
0
1
100.00
0
1.00
00
0
1
0
100.00
0
1.00
00
0
1
1
100.00
0
1.00
00
1
0
0
101.00
0
1.01
00
1
0
1
101.00
0
1.01
00
1
1
0
101.00
0
1.01
00
1
1
1
101.00
0
1.01
01
0
0
0
102.00
0
1.02
01
0
0
1
102.00
0
1.02
01
0
1
0
102.00
0
1.02
01
0
1
1
102.00
0
1.02
01
1
0
0
104.00
0
1.04
01
1
0
1
104.00
0
1.04
01
1
1
0
104.00
0
1.04
01
1
1
1
104.00
0
1.04
10
0
0
0
100.00
-0.5%
1.00
10
0
0
1
100.00
-0.5%
1.00
10
0
1
0
100.00
-0.5%
1.00
10
0
1
1
100.00
-0.5%
1.00
10
1
0
0
101.00
-0.5%
1.01
10
1
0
1
101.00
-0.5%
1.01
10
1
1
0
101.00
-0.5%
1.01
10
1
1
1
101.00
-0.5%
1.01
11
0
0
0
102.00
-0.5%
1.02
11
0
0
1
102.00
-0.5%
1.02
11
0
1
0
102.00
-0.5%
1.02
11
0
1
1
102.00
-0.5%
1.02
11
1
0
0
104.00
-0.5%
1.04
11
1
0
1
104.00
-0.5%
1.04
11
1
1
0
104.00
-0.5%
1.04
11
1
1
1
104.00
-0.5%
1.04
Table2: SRC & ATIG Frequency Selection Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com