Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3205 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3205
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3205 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3205 Datasheet HTML 1Page - National Semiconductor (TI) LM3205 Datasheet HTML 2Page - National Semiconductor (TI) LM3205 Datasheet HTML 3Page - National Semiconductor (TI) LM3205 Datasheet HTML 4Page - National Semiconductor (TI) LM3205 Datasheet HTML 5Page - National Semiconductor (TI) LM3205 Datasheet HTML 6Page - National Semiconductor (TI) LM3205 Datasheet HTML 7Page - National Semiconductor (TI) LM3205 Datasheet HTML 8Page - National Semiconductor (TI) LM3205 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Connection Diagrams
20158099
8–Bump Thin Micro SMD Package, Large Bump
NS Package Number TLA08GNA
20158004
10–Pin LLP
NS Package Number SDA10A
Order Information
microSMD
Order Number
Package Marking (Note)
Supplied As
LM3205TL
XTS/32
250 units, Tape-and-Reel
LM3205TLX
XTS/32
3000 units, Tape-and-Reel
Note: The actual physical placement of the package marking will vary from part to part. The package marking “X” designates the date
code. “T” is a NSC internal code for die traceability. “S” designates the device type as switcher device. Both will vary considerably. “32”
identifies the device (part number, option, etc.).
LLP
Order Number
Package Marking (Note)
Supplied As
LM3205SD-2
XXXX
1000 units, Tape-and-Reel
LM3205SDX-2
YYYY = 3205
4500 units, Tape-and-Reel
Note: The actual physical placement of the package marking will vary from part to part. The package marking “XXXXX” is a code for die
traceability. “YYYYY” identifies the device (part number, voltage option, etc.).
Pin Descriptions
Pin #
Name
Description
microSMD
LLP
A1
8, 9
PV
IN
Power Supply Voltage Input to the internal PFET switch.
B1
7
V
DD
Analog Supply Input.
C1
6
EN
Enable Input. Set this digital input high for normal operation. For shutdown, set low.
C2
4
V
CON
Voltage Control Analog input. V
CON controls VOUT in PWM mode.
C3
5
FB
Feedback Analog Input. Connect to the output at the output filter capacitor.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com