Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4682 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4682
Description  10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4682 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4682 Datasheet HTML 9Page - National Semiconductor (TI) LM4682 Datasheet HTML 10Page - National Semiconductor (TI) LM4682 Datasheet HTML 11Page - National Semiconductor (TI) LM4682 Datasheet HTML 12Page - National Semiconductor (TI) LM4682 Datasheet HTML 13Page - National Semiconductor (TI) LM4682 Datasheet HTML 14Page - National Semiconductor (TI) LM4682 Datasheet HTML 15Page - National Semiconductor (TI) LM4682 Datasheet HTML 16Page - National Semiconductor (TI) LM4682 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
General Features
SYSTEM FUNCTIONAL INFORMATION
Modulation Technique
Unlike typical Class D amplifiers that use single-ended com-
parators to generate a pulse-width modulated switching
waveform and RC timing circuits to set the switching fre-
quency, the LM4682 uses a balanced differential floating
modulator. Oscillation is a result of injecting complimentary
currents onto the respective plates of a floating, on-die ca-
pacitor. The value of the floating capacitor and value of the
components in the modulator’s feedback network set the
nominal switching frequency at 450kHz. Modulation results
from imbalances in the injected currents. The amount of
current imbalance is directly proportional to the applied input
signal’s magnitude and frequency.
Using a balanced, floating modulator produces a Class D
amplifier that is immune to common mode noise sources
such as substrate noise. This noise occurs because of the
high frequency, high current switching in the amplifier’s out-
put stage. The LM4682 is immune to this type of noise
because the modulator, the components that set its switch-
ing frequency, and even the load all float with respect to
ground.
The balanced modulator’s pulse width modulated output
drives the gates of the LM4682’s H-bridge configured output
power MOSFETs. The pulse-train present at the power
MOSFETs’ output is applied to an LC low pass filter that
removes the 450kHz energy component. The filter’s output
signal, which is applied to the driven load, is an amplified
replica of the audio input signal.
Shutdown Function
The LM4682’s active-low shutdown function allows the user
to place the amplifier in a shutdown mode while the system
power supply remains active. Activating shutdown stops the
output switching waveform and minimizes the quiescent cur-
rent. Applying logic “0” to SDB pin enables the shutdown
function. Applying logic “1” to SDB pin disables the shutdown
function and restores full amplifier operation.
Mute Function
The LM4682’s active-low mute function allows the user to
place the amplifier outputs in muted mode while the amplifi-
er’s analog input signals remain active. Activating mute in-
ternally removes the analog input signal from the Class D
and headphone amplifier inputs. While muted the amplifier
inputs and outputs retain in their VDD/2 operational bias.
Applying logic “0” to MUTEB pin activates mute. Applying
logic “1” to MUTEB pin deactivates mute. The MUTEB pin is
pull-down internally to put both Class D and headphone
amplifier outputs mute.
Stereo Headphone Amplifier
The LM4682’s stereo headphone amplifier operates continu-
ously, even while the Class D amplifiers are active. When
using headphones to listen to program material, it is usually
desirable to stop driving external speakers. This is easily
achieved by using the active high HPSEL input. As shown in
typical application schematic in Figure 1, with no head-
phones connected to the headphone jack, the input voltage
applied to the HPSEL pin is a logic low. In this state, the
Class D amplifiers are active and able to drive external
speakers. When headphones are plugged into the head-
phone jack, the switch inside the jack is opened. This
changes the voltage applied to the HPSEL pin to a logic
high, shutting off the LM4682’s Class D amplifiers. The
headphone control of the output configuration is shown in
Table 1.
TABLE 1. Headphone Controls
HP Sense Pin, HPSEL
Output Stage Configuration
0
Class D Amps Active
1
Class D Amps Inactive
Under Voltage Protection
The under voltage protection disables the output driver sec-
tion of the LM4682 while the supply voltage is below 8V. This
condition may occur as power is first applied or during low
line conditions, changes in load resistance, or when power
supply sag occurs. The under voltage protection ensures
that all of the LM4682’s power MOSFETs are off. This action
eliminates shoot-through current and minimizes output tran-
sients during turn-on and turn-off. The under voltage protec-
tion gives the digital logic time to stabilize into known states,
further minimizing turn on output transients.
Power Supply Sequencing
In order to stabilize LM4682 before any operation, a
power-up sequence for the power supplies is recommended.
The Power V
DD should be applied first. Without deactivating
the mute and shutdown function of the amplifiers, the
VOLV
DD is then applied. Prior to removing the two supply
voltages, activate shutdown and mute.
Turn-On Time
The LM4682 has an internal timer that determines the am-
plifier’s turn-on time. After power is first applied or the part
returns from shutdown, the nominal turn-on time is 600ms.
This delay allows all externally applied capacitors to charge
to a final value of V
DD/2. Further, during turn-on, the outputs
are muted. This minimizes output transients that may occur
while the part settles into its quiescent operating mode.
Output Stage Current Limit and Fault Detection
Protection
The output stage MOSFETs are protected against output
conditions that could otherwise compromise their operational
status. The first stage of protection is output current limiting.
When conditions that require high currents to drive a load,
the LM4682’s current limit circuitry clamps the output current
at a nominal value of 2.5A. The output waveform is present,
but may be clipped or its amplitude reduced. The same 2.5A
nominal current limit also occurs if the amplifier outputs are
shorted together or either output is shorted to V
DD or GND.
The second stage of protection is an onboard fault detection
circuit that continuously monitors the signal on each output
MOSFET’s gate and compares it against the respective
drain voltage. When a condition is detected that violates a
MOSFET’s Safe Operating Area (SOA) and the drive signal
is disconnected from the output MOSFETs’ gates. The fault
detect circuit maintains this protective condition for approxi-
mately 600ms, at which time the drive signal is reconnected.
If the fault condition is no longer present, normal operation
resumes. If the fault condition remains, however, the drive
signal is again disconnected.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com