Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3205TLX Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3205TLX
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3205TLX Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM3205TLX Datasheet HTML 10Page - National Semiconductor (TI) LM3205TLX Datasheet HTML 11Page - National Semiconductor (TI) LM3205TLX Datasheet HTML 12Page - National Semiconductor (TI) LM3205TLX Datasheet HTML 13Page - National Semiconductor (TI) LM3205TLX Datasheet HTML 14Page - National Semiconductor (TI) LM3205TLX Datasheet HTML 15Page - National Semiconductor (TI) LM3205TLX Datasheet HTML 16Page - National Semiconductor (TI) LM3205TLX Datasheet HTML 17Page - National Semiconductor (TI) LM3205TLX Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Board Layout Considerations
(Continued)
3.
Above layout patterns should be placed on the compo-
nent side of the PCB to minimize parasitic inductance
and resistance due to via-holes. It may be a good idea
that the SW to L1 path is routed between C2(+) and
C2(-) land patterns. If vias are used in these large cur-
rent paths, multiple via-holes should be used if possible.
4.
Connect C1(-), C2(-) and PGND with wide GND pattern.
This pattern should be short, so C1(-), C2(-), and PGND
should be as close as possible. Then connect to a PCB
common GND pattern with as many via-holes as pos-
sible.
5.
SGND should not connect directly to PGND. Connecting
these pins under the device should be avoided. (If pos-
sible, connect SGND to the common port of C1(-), C2(-)
and PGND.)
6.
V
DD should not be connected directly to PVIN. Connect-
ing these pins under the device should be avoided. It is
good idea to connect V
DD to the C1(+) to avoid switching
noise injection to the V
DD line.
7.
FB line should be protected from noise. It is a good idea
to use an inner GND layer (if available) as a shield.
BOARD LAYOUT FLOW (LLP)
1.
Minimize C1, PV
IN,
and PGND loop. These traces
should be as wide and short as possible. This is most
important.
2.
Minimize L1, C2, SW and PGND loop. These traces also
should be wide and short. This is the second priority.
3.
Above layout patterns should be placed on the compo-
nent side of the PCB to minimize parasitic inductance
and resistance due to via-holes. It may be a good idea
that the SW to L1 path is routed between C2(+) and
C2(-) land patterns. If vias are used in these large cur-
rent paths, multiple via-holes should be used if possible.
4.
Connect C1(-), C2(-) and PGND with wide GND pattern.
This pattern should be short, so C1(-), C2(-), and PGND
should be as close as possible. Then connect to a PCB
common GND pattern with as many via-holes as pos-
sible.
5.
SGND should connect directly to PGND through a single
common via as close to C1 as possible. Connecting
these pins under the LLP device on a different layer
should be avoided.
6.
V
DD should not be connected directly to PVIN. Connect-
ing these pins under the device should be avoided. It is
good idea to connect V
DD to the C1(+) to avoid switching
noise injection to the V
DD line.
7.
FB line should be protected from noise. It is a good idea
to use an inner GND layer (if available) as a shield.
Note: The evaluation board shown inFigure 5and Figure 6 for the LM3205TL/
LM3205SD were designed with these considerations, and it shows
good performance. However some aspects have not been optimized
because of limitations due to evaluation-specific requirements. The
board can be used as a reference, but it is not the best. Please refer
questions to a National representative.
20158032
FIGURE 6. Evaluation Board for LLP
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com