Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL014TRPBFA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRLL014TRPBFA
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLL014TRPBFA Datasheet(HTML) 1 Page - Vishay Siliconix

  IRLL014TRPBFA Datasheet HTML 1Page - Vishay Siliconix IRLL014TRPBFA Datasheet HTML 2Page - Vishay Siliconix IRLL014TRPBFA Datasheet HTML 3Page - Vishay Siliconix IRLL014TRPBFA Datasheet HTML 4Page - Vishay Siliconix IRLL014TRPBFA Datasheet HTML 5Page - Vishay Siliconix IRLL014TRPBFA Datasheet HTML 6Page - Vishay Siliconix IRLL014TRPBFA Datasheet HTML 7Page - Vishay Siliconix IRLL014TRPBFA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRLL014, SiHLL014
www.vishay.com
Vishay Siliconix
S21-0322-Rev. G, 05-Apr-2021
1
Document Number: 91319
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
Marking code: LA
FEATURES
• Surface-mount
• Available in tape and reel
• Dynamic dV/dt rating
• Logic-level gate drive
•RDS(on) specified at VGS = 4 V and 5 V
• Fast switching
• Ease of paralleling
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
Third generation power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The SOT-223 package is designed for surface-mounting
using vapor phase, infrared, or wave soldering techniques.
Its unique package design allows for easy automatic
pick-and-place as with other SOT or SOIC packages but
has the added advantage of improved thermal performance
due to an enlarged tab for heatsinking. Power dissipation of
greater than 1.25 W is possible in a typical surface mount
application.
Notes
a. See device orientation
b. “-BE3” denotes alternate manufacturing location
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11)
b. VDD = 25 V, starting TJ = 25 °C, L = 16 mH, Rg = 25 , IAS = 2.7 A (see fig. 12)
c. ISD  10 A, dI/dt  90 A/μs, VDD  VDS, TJ  150 °C
d. 1.6 mm from case
e. When mounted on 1" square PCB (FR-4 or G-10 material)
PRODUCT SUMMARY
VDS (V)
60
RDS(on) ()VGS = 5.0 V
0.20
Qg max. (nC)
8.4
Qgs (nC)
3.5
Qgd (nC)
6.0
Configuration
Single
N-Channel MOSFET
G
D
S
SOT-223
G
D
S
D
Available
ORDERING INFORMATION
Package
SOT-223
Lead (Pb)-free and halogen-free
SiHLL014TR-GE3
IRLL014TRPbF-BE3 a, b
Lead (Pb)-free
IRLL014TRPbF a
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
60
V
Gate-source voltage
VGS
± 10
Continuous drain current
VGS at 10 V
TC = 25 °C
ID
2.7
A
TC = 100 °C
1.7
Pulsed drain current a
IDM
22
Linear derating factor
0.025
W/°C
Linear derating factor (PCB mount) e
0.017
Single pulse avalanche energy b
EAS
100
mJ
Avalanche current a
IAR
2.7
A
Repetitive avalanche energy a
EAR
0.31
mJ
Maximum power dissipation
TC = 25 °C
PD
3.1
W
Maximum power dissipation (PCB mount) e
TA = 25 °C
2.0
Peak diode recovery dv/dt c
dV/dt
4.5
V/ns
Operating junction and storage temperature range
TJ, Tstg
-55 to +150
°C
Soldering recommendations (peak temperature) d
For 10 s
300


Similar Part No. - IRLL014TRPBFA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRLL014TRPBFA VISHAY-IRLL014TRPBFA Datasheet
959Kb / 8P
Power MOSFET
07-Jul-08
More results

Similar Description - IRLL014TRPBFA

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com