Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14813 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14813
Description  Ultra-Compact Octal 3L/Quad 5L Pulser with T/R Switches and Beamforming Capability
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14813 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14813 Datasheet HTML 1Page - Maxim Integrated Products MAX14813 Datasheet HTML 2Page - Maxim Integrated Products MAX14813 Datasheet HTML 3Page - Maxim Integrated Products MAX14813 Datasheet HTML 4Page - Maxim Integrated Products MAX14813 Datasheet HTML 5Page - Maxim Integrated Products MAX14813 Datasheet HTML 6Page - Maxim Integrated Products MAX14813 Datasheet HTML 7Page - Maxim Integrated Products MAX14813 Datasheet HTML 8Page - Maxim Integrated Products MAX14813 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
(VCC = 5V±5%, VEE = -5V ±5%, VPPA = +85V, VNNA = -85V, VPPB = +85V, VNNB = -85V, VIO = +1.7V to +3.3V,
Direct Mode, TA = TMIN to TMAX, unless otherwise noted, Typical values are VIO = +2.5V, VCC = -VEE = 5V, VPP_ = VNN_ = +85V,
TA = +25°C, Limits are 100% tested at TA = +85°C and guaranteed by design in the entire temperature range, CC0 = 0V, CC1 = 0V,
SYNC = 0V, HVOUT Load = 1KΩ//220pF )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OPERATING VOLTAGE RATING
I/O Logic Supply Voltage
VIO
1.7
3.3
V
Positive Drive Supply
Voltage
VCC
4.75
5
5.25
V
Negative Drive Supply
Voltage
VEE
-5.25
-5
-4.75
V
High-side Supply Voltage
VPPA
0
85
V
VPPB
0
VPPA
Low-side Supply Voltage
VNNA
-85
0
V
VNNB
VNNA
0
LOGIC I/O PINS SPECIFICATIONS
Low-level Input
VIL
0.33 x VIO
V
High-level Input
VIH
0.66 x VIO
V
Logic Input Pulldown
Resistor
RIN
Pins: MODE_, CC_, CLK
70
100
130
KΩ
Logic Input Pulldown
Resistor
RIN
Pin SYNC
40
60
80
KΩ
Logic Input Differential
Resistor
RDIFF
PINS: INNx, INPx
70
100
130
kΩ
Input Leakage on Logic
Inputs Pins
ILEAK
All logic input pins aside MODE_, SYNC,
CLK, CC_
Logic Input connected to VIO or GND
-1
1
µA
Low Level Output Voltage
pins THP (All Modes) and
INT (Beamforming Mode
Only)
VOL
RPULLUP = 1kΩ
0.1 x VIO
V
Logic Input Capacitance
CIN
4
pF
CURRENT CONSUMPTION SHUTDOWN MODE
VIO Supply Current
IIO
All Inputs connected to GND or VIO.
5
12
µA
VEE Supply Current
IEE
All Inputs connected to GND or VIO.
10
20
µA
VCC Supply Current
ICC
All Inputs connected to GND or VIO.
70
120
µA
VNN Supply Current
INN_
All Inputs connected to GND or VIO.
0
5
µA
VPP Supply Current
IPP_
All Inputs connected to GND or VIO.
0
5
µA
Total Power Dissipation in
Shutdown
Shutdown Mode. Total power dissipation
(8 channels)
0.4
mW
Electrical Characteristics
www.maximintegrated.com
Maxim Integrated │ 4
MAX14813
Ultra-Compact Octal 3L/Quad 5L Pulser with
T/R Switches and Beamforming Capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com