Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14900DEVKIT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14900DEVKIT
Description  Stand-Alone Operation in Parallel Mode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14900DEVKIT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14900DEVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX14900E
MAX14900E Evaluation Kit
Quick Start
Recommended Equipment
● MAX14900E EV kit
● 24V, 2A power supply
● Function generator
● Oscilloscope
● 50Ω, 15W (minimum) load resistor
● 5kΩ resistor
● Voltmeter
● Bench tie clips with spring clips on both ends
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation:
1) Preset the 24V power supply to 24V and disable the
power supply.
2) Connect the ground of the 24V power supply to
jumper J2.
3) Connect the positive supply of the 24V power supply
to J1.
4) Ensure that the shunt for J15 (EN) is installed.
5) Ensure that the shunt for J16 (connect VL to 5V) is
installed.
6) Ensure that J22 (PUSHPL) is installed.
7) Ensure that all other shunts are not installed.
8) Preset the function generator to pulse, 20ms pulse
width, 500ms repetition rate, low-voltage 0V, high-
voltage 5V, and disable the pulse generator.
9) Connect a 5kΩ resistor between O1 (TP11) and
GND (TP12).
10) Connect an oscilloscope between O1 (TP11) and
GND (TP12).
11) Connect the function generator between IIN1 (TP1)
and GND (TP10).
12) Enable the 24V power supply.
13) Enable the function generator.
14) Observe the output waveform on the oscilloscope.
15) Disable the function generator.
16) Change the resistor from 5kΩ to 50Ω.
17) Remove the shunt on J22 (PUSHPL).
18) Enable the function generator.
19) Observe the output waveform on the oscilloscope.
Detailed Description
The MAX14900E octal, high-speed, industrial, high-side
switch EV kit is a fully assembled and tested, surface-
mount PCB that demonstrates the capabilities of the
MAX14900E IC to drive industrial-grade signals.
This EV kit demonstrates operation in all MAX14900E
modes. In parallel mode, jumpers allow for arbitrary
configuration. In serial mode, or in parallel mode with
serial monitoring, attach a control circuit to the appropriate
test points. The EV kit operates from a single 24V
(11V to 36V) main supply, and an optional logic supply.
Through parallel or serial control, the IC switches the
24V supply to any combination of eight independent
outputs. Besides the device itself, there are plenty of
attach points, as well as numerous jumpers. The EV kit
has little added circuitry.
TVS diode D18 protects the device from surges that may
appear on the supply line through the clamp diodes.
Note that D18 will likely be destroyed if the user applies
a voltage greater than 36V on the 24V supply. Sixteen
silicon diodes (D2–D17) protect the individual MAX14900E
power outputs from severe inductive kickback events,
as well as surges. A linear regulator, MAX5084 (U2),
provides an optional default 5V in case the user does
not wish to provide a logic-level supply externally. LED1
(FAULT) can be optionally configured to light whenever
the device indicates a fault condition on its FAULT pin.
LED2 (CERR) can be optionally configured to light when
the device detects a CRC error in serial mode.
Input Power Supply
The EV kit obtains its primary power from a bench supply
whose positive voltage attaches to J1 (24V), and whose
return voltage attaches to J2 (GND). This supplies power
only to the MAX14900E.
5V Power Supply
The device requires a 5V supply on pin 30 (V5), supplied
by the 5V linear regulator (U2) for the user’s convenience.
Logic Power Supply
Most of the device’s digital pins have their input thresh-
olds and their output drive levels defined by the voltage
on pin 13 (VL). This VL supply can come from two places.
First, the built-in 5V regulator can supply VL by attaching
a shunt to J16 (connect VL to 5V), ensuring that no shunt
is attached to J3 (VL). When attaching external circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com