Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMJS0D7N03CG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMJS0D7N03CG
Description  MOSFET - Power, Single N-Channel, LFPAK8 30 V, 0.65 m, 410 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMJS0D7N03CG Datasheet(HTML) 2 Page - ON Semiconductor

  NTMJS0D7N03CG Datasheet HTML 1Page - ON Semiconductor NTMJS0D7N03CG Datasheet HTML 2Page - ON Semiconductor NTMJS0D7N03CG Datasheet HTML 3Page - ON Semiconductor NTMJS0D7N03CG Datasheet HTML 4Page - ON Semiconductor NTMJS0D7N03CG Datasheet HTML 5Page - ON Semiconductor NTMJS0D7N03CG Datasheet HTML 6Page - ON Semiconductor NTMJS0D7N03CG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© Semiconductor Components Industries, LLC, 2020
February, 2021 − Rev. 0
1
Publication Order Number:
NTMJS0D7N03CG/D
MOSFET - Power, Single
N-Channel, LFPAK8
30 V, 0.65 mW, 410 A
NTMJS0D7N03CG
Features
• Wide SOA to Improve Inrush Current Management
• Advanced LFPAK Package (5x6mm) with Excellent Thermal
Conduction
• Ultra Low RDS(on) to Improve System Efficiency
• These Devices are Pb−Free, Halogen/BFR−Free and are RoHS
Compliant
Typical Applications
• Hot Swap Application
• Motor Drive
• Power Load Switch
• Battery Management
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJC (Note 1)
Steady
State
TC = 25°C
ID
410
A
TC = 100°C
290
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
188
W
Continuous Drain
Current RqJA
(Notes 1, 2)
Steady
State
TA = 25°C
ID
59
A
TA = 100°C
42
Power Dissipation
RqJA (Notes 1, 2)
TA = 25°C
PD
4.0
W
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
900
A
Operating Junction and Storage Temperature
Range
TJ, Tstg
−55 to
+175
°C
Single Pulse Drain−to−Source Avalanche
Energy (IL(pk) = 40.8 A)
EAS
1080
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Surface−mounted on FR4 board using a 1 in2, 2 oz. Cu pad.
2. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
www.onsemi.com
V(BR)DSS
RDS(ON) MAX
ID MAX
30 V
0.65 mW @ 10 V
410 A
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5−8)
See detailed ordering, marking and shipping information on
page 5 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
LFPAK8
CASE 760AA
0D7N03
CG
AWLYW
G
S
DD D D
SS
1
0D7N03CG = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
W
= Work Week



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com