Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1535CT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBRF1535CT
Description  Dual Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF1535CT Datasheet(HTML) 2 Page - Vishay Siliconix

  MBRF1535CT Datasheet HTML 1Page - Vishay Siliconix MBRF1535CT Datasheet HTML 2Page - Vishay Siliconix MBRF1535CT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR15xxCT, MBRF15xxCT & MBRB15xxCT
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88670
2
01-Jul-02
Maximum Ratings (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR1535CT MBR1545CT MBR1550CT MBR1560CT
Unit
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
V
Working peak reverse voltage
VRWM
35
45
50
60
V
Maximum DC blocking voltage
VDC
35
45
50
60
V
Maximum average forward rectified current
Total device
15
at TC = 105°C
Per leg
IF(AV)
7.5
A
Peak repetitive forward current at TC = 105°C
(rated VR, 20 KHz sq. wave)
IFRM
15
A
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
150
A
on rated load (JEDEC Method)
Peak repetitive reverse surge current per leg
at tp = 2.0
µs, 1KHZ
IRRM
1.0
0.5
A
Voltage rate of change (rated VR)
dv/dt
10,000
V/
µs
Operating junction temperature range
TJ
–65 to +150
°C
Storage temperature range
TSTG
–65 to +175
°C
RMS Isolation voltage (MBRF type only) from terminals to
4500 (NOTE 1)
heatsink with t = 1.0 second, RH
≤ 30%
VISOL
3500 (NOTE 2)
V
1500 (NOTE 3)
Electrical Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR1535CT MBR1545CT MBR1550CT MBR1560CT
Unit
Maximum instantaneous forward voltage per leg (Note 4)
at IF = 7.5A,TC = 25°C
–
0.75
at IF = 7.5A,TC = 125°CVF
0.57
0.65
V
at IF = 15A,TC = 25°C
0.84
–
at IF = 15A,TC =1 25°C
0.72
–
Maximum instantaneous reverse current
TC = 25°C
0.1
1.0
at rated DC blocking voltage per leg (Note 4)
TC =125°C
IR
15
50
mA
Thermal Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR
MBRF
MBRB
Unit
Maximum thermal resistance per leg
R
ΘJA
60
–
60
°C/W
R
ΘJC
3.0
5.0
3.0
Notes:
(1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(2) Clip mounting (on case), where leads do overlap heatsink
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9 mm (0.19”)
(4) Pulse test: 300
µs pulse width, 1% duty cycle
Ordering Information
Product
Case
Package Code
Package Option
MBR1535CT - MBR1560CT
TO-220AB
45
Anti-Static tube, 50/tube, 2K/carton
MBRF1535CT - MBRF1560CT
ITO-220AB
45
Anti-Static tube, 50/tube, 2K/carton
31
13” reel, 800/reel, 4.8K/carton
MBRB1535CT - MBRB1560CT
TO-263AB
45
Anti-Static tube, 50/tube, 2K/carton
81
Anti-Static 13” reel, 800/reel, 4.8K/carton



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com