Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP829 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP829
Description  High Efficiency Voltage Inverters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP829 Datasheet(HTML) 2 Page - Sipex Corporation

  SP829 Datasheet HTML 1Page - Sipex Corporation SP829 Datasheet HTML 2Page - Sipex Corporation SP829 Datasheet HTML 3Page - Sipex Corporation SP829 Datasheet HTML 4Page - Sipex Corporation SP829 Datasheet HTML 5Page - Sipex Corporation SP829 Datasheet HTML 6Page - Sipex Corporation SP829 Datasheet HTML 7Page - Sipex Corporation SP829 Datasheet HTML 8Page - Sipex Corporation SP829 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
SP828DS/03
SP828/829 High Efficiency Voltage Inverters
© Copyright 1999 Sipex Corporation
SPECIFICATIONS
V
IN = +5.0V, C1=C2=10µF for the SP828, C1=C2=3.3µF for the SP829, and TAMB= -40°C to +85°C unless otherwise noted.
Typical values are taken
specifically at T
AMB=+25°C. Test Circuit Figure 19 unless otherwise noted.
NOTE 1: V
OUT = -VIN +200mV
NOTE 2: Power Efficiency (Ideal) =
VOUT x IOUT
-VIN x (-VIN/RL)
NOTE 3: Power Efficiency (Actual) =
VOUT x IOUT
VIN x IIN
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
IN......................................................................+7.0V
V
OUT.....................................................................-7.0V
V
OUT Short Circuit to GND.............................Indefinite
I
OUT......................................................................50mA
Storage Temperature........................-65˚C to +150˚C
Power Dissipation per Package
5-pin SOT23 (derate 2.98 mW/oC above +70oC)..240mW
Lead Temperature (Soldering)..........................300oC
ESD Rating......................2kV Human Body Model
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
e
g
a
t
l
o
V
y
l
p
p
u
S5
2
.
1
5
.
1
0
.
1
0
.
15
.
5
V
R
L
k
0
1
=
Ω T
,
B
M
A
1
e
t
o
N
,
C
°
5
2
+
=
R
L
k
0
1
=
Ω T
,
B
M
A
C
°
5
8
+
o
t
C
°
0
4
-
=
t
n
e
r
r
u
C
y
l
p
p
u
S0
5
0
3
1
0
8
5
1
1
0
0
2
0
0
3
µA
8
2
8
P
S
T
,
B
M
A
R
,
C
°
5
2
+
=
L =
8
2
8
P
S
T
,
B
M
A
,
C
°
5
8
+
o
t
C
°
0
4
-
=
R
L =
9
2
8
P
S
T
,
B
M
A
R
,
C
°
5
2
+
=
L =
9
2
8
P
S
T
,
B
M
A
,
C
°
5
8
+
o
t
C
°
0
4
-
=
R
L =
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O1
20
5
5
6
Ω
I
T
U
O
T
,
A
m
5
=
B
M
A
C
°
5
2
+
=
I
T
U
O
T
,
A
m
5
=
B
M
A
C
°
5
8
+
o
t
C
°
0
4
-
=
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O4
.
8
6
5
.
4
2
9
1
2
1
5
3
6
.
5
1
0
2
5
.
5
4
3
.
4
5
z
H
k
8
2
8
P
S
T
,
B
M
A
C
°
5
2
+
=
8
2
8
P
S
T
,
B
M
A
C
°
5
8
+
o
t
C
°
0
4
-
=
9
2
8
P
S
T
,
B
M
A
C
°
5
2
+
=
9
2
8
P
S
T
,
B
M
A
C
°
5
8
+
o
t
C
°
0
4
-
=
y
c
n
e
i
c
i
f
f
E
n
o
i
s
r
e
v
n
o
C
e
g
a
t
l
o
V5
99
.
9
9%
R
L =
)
l
a
e
d
I
(
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P8
9%
R
L
k
0
1
=
Ω
2
E
T
O
N
,
)
l
a
u
t
c
A
(
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P7
9
1
9
%
R
L
k
0
1
=
Ω
3
E
T
O
N
,
3
E
T
O
N
,
A
m
0
1
=
T
U
O
I
∞
∞
∞
∞
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com