Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP829EK Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP829EK
Description  High Efficiency Voltage Inverters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP829EK Datasheet(HTML) 4 Page - Sipex Corporation

  SP829EK Datasheet HTML 1Page - Sipex Corporation SP829EK Datasheet HTML 2Page - Sipex Corporation SP829EK Datasheet HTML 3Page - Sipex Corporation SP829EK Datasheet HTML 4Page - Sipex Corporation SP829EK Datasheet HTML 5Page - Sipex Corporation SP829EK Datasheet HTML 6Page - Sipex Corporation SP829EK Datasheet HTML 7Page - Sipex Corporation SP829EK Datasheet HTML 8Page - Sipex Corporation SP829EK Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
SP828DS/03
SP828/829 High Efficiency Voltage Inverters
© Copyright 1999 Sipex Corporation
Figure 3. Charge Pump Frequency vs. Supply Voltage
for the SP828
Figure 5. Charge Pump Frequency vs. Temperature
for the SP828
Figure 6. Charge Pump Frequency vs. Temperature
for the SP829
TYPICAL PERFORMANCE CHARACTERISTICS
V
IN = +5.0V, C1 = C2 = C3 = 10µF for SP828, C1 = C2 = C3 = 3.3µF for SP829, and TAMB = 25
oC unless
otherwise noted. The SP828/829 devices use the circuit found in
Figure 19 when obtaining the following typical
performance characteristics (unless otherwise noted).
Figure 4. Charge Pump Frequency vs. Supply Voltage
for the SP829
14
13
12
11
10
9
8
7
6
0.5
1.5
2.5
3.5
4.5
VIN (V)
5.5
15
14
13
12
11
-60
-10
40
Temperature (
oC)
90
140
VIN = 5.0V
VIN = 3.3V
VIN = 1.5V
40
35
30
25
0.5
1.5
2.5
3.5
4.5
Supply Voltage (V)
5.5
41
39
37
35
33
31
29
27
25
-50
0
50
Temperature (C)
100
VIN = 1.5V
VIN = 5.0V
VIN = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com