Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2PACK2FU Datasheet(PDF) 3 Page - Schneider Electric

Part # SR2PACK2FU
Description  Compact discovery packs, Zelio Logic, smart relay discovery pack, 20 I/O, 100...240 V AC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SR2PACK2FU Datasheet(HTML) 3 Page - Schneider Electric

  SR2PACK2FU Datasheet HTML 1Page - Schneider Electric SR2PACK2FU Datasheet HTML 2Page - Schneider Electric SR2PACK2FU Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Operating altitude
6561.68 ft (2000 m)
Maximum altitude transport
10000.00 ft (3048 m)
Relative Humidity
95 % without condensation or dripping water
Ordering and shipping details
Category
22378-SR2,3 ZELIO 2 RELAYS
Discount Schedule
I
GTIN
3389110549744
Nbr. of units in pkg.
1
Package weight(Lbs)
21.52 oz (610 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.44 in (6.2 cm)
Package 1 width
6.02 in (15.3 cm)
Package 1 Length
9.13 in (23.2 cm)
Unit Type of Package 2
S03
Number of Units in Package 2
10
Package 2 Weight
15.02 lb(US) (6.813 kg)
Package 2 Height
11.81 in (30 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is
known to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
PVC free
Yes
Contractual warranty
Warranty
18 months
Mar 23, 2022
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com