Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASR-3100PP-R11A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASR-3100PP-R11A1E
Description  1U Rackmount Dual Intel짰 Xeon짰 E5-2600 v3/v4 Storage Server with 16 x 2.5 NVMe SSDs and 2 x PCIe Gen III x8 Slots
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASR-3100PP-R11A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASR-3100PP-R11A1E Datasheet HTML 1Page - Advantech Co., Ltd. ASR-3100PP-R11A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ASR-3100
Ordering Information
Part Number
2.5" Front HDD Bay
Second Row 2.5" HDD Bay
PCIe Slots
Chassis Depth
1 GbE IPMI
Power Supply
ASR-3100PP-R11A1E
X8 NVMe
X8 NVMe + SATA (SAS optional)
2
806 mm
2
Yes
1+1 1100W RPS
ASR-3100PT-R11A1E
X8 NVMe
X8 SATA (SAS optional)
2
806 mm
2
Yes
1+1 1100W RPS
ASR-3100SS-R11A1E
X8 SAS+SATA
X8 SAS + SATA (x2 NVMe optional)
1*
806 mm
2
Yes
1+1 1100W RPS
Note:
1. One slot is occupied by the SAS12G RAID card.
2. For quality assurance purposes, the product must be sold as a complete system with the CPU, memory, and drives fully integrated and tested.
Package Contents
Part Number
Description
Quantity
CPU0 heatsink
Heatsink for E5-2600 series
1
CPU1 heatsink
Heatsink for E5-2600 series
1
Rail kit
1U slide rail kit
1
CMA
Cable management arm
1
Driver CD
ASR-3100 CD with drivers and user manual
1
Startup manual
ASR-3100 startup manual
1
Compatible NVMe Drives
Part Number
Description
96FD25-V2TB-IN7
Intel P3700 2.5" NVMe, 2.0TB, MLC
96FD25-V1.6TB-IN7
Intel P3700 2.5" NVMe, 1.6TB, MLC
96FD25-800-IN7
Intel P3700 2.5" NVMe, 800GB, MLC
96FD25-400-IN7
Intel P3700 2.5" NVMe, 400GB, MLC
TBD
Micron 9100 PRO 2.5" NVMe series
TBD
Micron 9100 MAX 2.5" NVMe series
TBD
Micron 9200 PRO 2.5" NVMe series
Dimensions
Unit: mm [inch]
430 [16.93]
482 [18.98]
465 [18.31]
430 [16.93]
482 [18.98]
465 [18.31]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com