Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASR-3100SS-R11A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASR-3100SS-R11A1E
Description  1U Rackmount Dual Intel짰 Xeon짰 E5-2600 v3/v4 Storage Server with 16 x 2.5 NVMe SSDs and 2 x PCIe Gen III x8 Slots
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASR-3100SS-R11A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASR-3100SS-R11A1E Datasheet HTML 1Page - Advantech Co., Ltd. ASR-3100SS-R11A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Storage Servers
Features
ASR-3100
Specifications
System
Chipset
Intel® C612
CPU
Intel® Xeon® E5-2600(v3/V4) dual processor (up to 135W TDP)
Memory
16 x DDR4-2133 ECC RDIMMs, maximum 512 GB
Graphics
Controller
ASPEED AST2400
VRAM
64 MB
Expansion Slot
PXIe x8
2 x PCIe Gen III x8 slots (Supports 1 x HHHL card and 1 x FHHL card)
Drive Bay
2.5" (hot swappable)
Up to 16 x NVMes/SAS (12Gb)/SATA (6Gb) drives (Refer to the ordering information for further details.)
Ethernet
Interface
2 x 1 GB Base-T Ethernet
Controller
2 x Intel® I210
Front I/O
USB
1 x USB 2.0
Rear I/O
USB
4 x USB 3.0
PS/2
-
COM
1
Display
1 x VGA
RJ45
2
Internal Connector
Type-A USB
-
SATA
2 (SATA M.2 2242)
LPC
-
Watchdog Timer
Output
Interrupt, system reset
Interval
Programmable, 1~255 sec
Power Supply
Power Output
80 PLUS Platinum 1+1 redundant power supply
900W @ 100 ~ 120 V
1100W @ 200 ~ 240 V
Input Range
100 ~ 240VAC
Cooling
Chassis Fan
7 x 4056
Air Filter
-
Miscellaneous
LED Indicators
Power status, HDD activity, LAN status, location, error messages
Remote Management
Advantech Remote Monitoring Utility
Environment
Operating
Non-operating
Temperature
0 ~ 40 °C (32~104 °F)
-20 ~ 60 °C (-4 ~ 140 °F)
Humidity
10 ~ 85% @ 40 °C
10 ~ 95% @ 40 °C
Vibration (5 ~ 500 Hz)
0.25 Grms
-
Characteristics
Dimensions (D x W x H)
806 x 430 x 44 mm (31.7" x 16.9" x 1.7")
1U Rackmount Dual Intel® Xeon® E5-2600
v3/v4 Storage Server with 16 x 2.5" NVMe
SSDs and 2 x PCIe Gen III x8 Slots
ƒ Dual LGA 2011-R3 Intel® Xeon® E5-2600 v3/v4 processors
ƒ 16 DDR4-2133 RDIMMs for a maximum of 512 GB
ƒ Up to 16 x hot-swappable 2.5" NVMe/SAS/SATA drives
ƒ Intelligent Platform Management Interface (IPMI) support
ƒ Supports 2 x PCle Gen III x8 cards for I/O expansion
ƒ 1100 W 1+1 redundant power supply with 80 PLUS Platinum certification
All product specifications are subject to change without notice.
Last updated: 27-Jun-2018


Similar Part No. - ASR-3100SS-R11A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASR-3100I-R11A1E ADVANTECH-ASR-3100I-R11A1E Datasheet
276Kb / 2P
1U Rackmount dual Xeon E5-2600 v3 NVMe Storage Server, supporting 16 x SFF-8639 2.5" NVMe SSD and 2 x PCIe Gen III x8 slot
More results

Similar Description - ASR-3100SS-R11A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-584 ADVANTECH-ASMB-584 Datasheet
680Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASR-3100I-R11A1E ADVANTECH-ASR-3100I-R11A1E Datasheet
276Kb / 2P
1U Rackmount dual Xeon E5-2600 v3 NVMe Storage Server, supporting 16 x SFF-8639 2.5" NVMe SSD and 2 x PCIe Gen III x8 slot
AGS-910I-R11A1E ADVANTECH-AGS-910I-R11A1E Datasheet
773Kb / 2P
1U Rackmount Xeon E5-2600 / 2600 v2 GPU server, Supporting 3 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
AGS-913I-R11A1E ADVANTECH-AGS-913I-R11A1E Datasheet
958Kb / 2P
1U Rackmount Xeon E5-2600 v3 GPU server, Supporting 3 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
ASMB-922-00A1E ADVANTECH-ASMB-922-00A1E Datasheet
595Kb / 2P
Dual Intel짰 Xeon짰 E5-2600 / 2600 v2 EATX Server Board with DDR3, 3 PCIe x16 1 PCIe x8, PME support
SYS-4U7442-4S01 ADVANTECH-SYS-4U7442-4S01_14 Datasheet
1Mb / 2P
Dual LGA 2011 Intel짰 Xeon짰 E5-2600 4U Systems with 3 x PCIe x16, 1 x PCIe x8, PME Support
ASMB-584G2-00A1E ADVANTECH-ASMB-584G2-00A1E Datasheet
789Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
AGS-913 ADVANTECH-AGS-913 Datasheet
900Kb / 2P
1U Rackmount Intel Xeon E5-2600 v3 GPU server
ASMB-923 ADVANTECH-ASMB-923_V01 Datasheet
722Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 8 DDR4, 4 PCIe x16 2 PCIe x8, 4 USB 3.0, IPMI
25-Jan-2018
ASMB-922I ADVANTECH-ASMB-922I Datasheet
1Mb / 4P
Intel짰 Xeon짰 E5-2600 series Dual 2011 Socket EATX Server Board with 4 PCIe Expansion Slots
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com