Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-3151 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-3151
Description  15 Fanless Panel PC with Intel짰 Core??i5-6300U Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3151 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-3151 Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3151 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Panel PCs
Dimensions
Unit: mm
I/O View
A. PCIe x 4/PCI expansion
B. Line-Out/Mic-In
C. 4 x USB 3.0
D. 2 x GigaLAN
E. VGA
F. DP
G. 2 x RS232
H. DC power input
I. 1 x RS422/485
J. Power button
K. Grounding screw
L. Optional modules
PPC-3151
Ordering Information
Part Number
Description
PPC-3151-650AE
15" Fanless panel PC with PCT multi-touch, Intel Core
i5-6300U processor
96PSA-A90W19OT-1
Adapter AC100 ~ 240V, 90W, 19V
1700001524
Power cable 3P UL 10A 125V, 180 cm
170203183C
Power cable 3P Europe (WS-010+083) 183 cm
1700008921
Power cable 3P/3P power supply 1.8M PSE
96CB-POWER-B-1.8M
Power code 3P CCC(China) 1.8M
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-STAND-A1E
Stand for PPC series
PPC-ARM-A03
ARM VESA standard (A-CLEVER) for PPC series
PPC-WLAN-B1E
Wi-Fi module with antenna and cable (40 cm) for PPC
PPC-3150-COME
Module that supports two additional ports
(either two RS-232 or one RS-232 and one GPIO port)
for PPC-3150/PPC-3170
98R3C31500E
PPC-315/317/319 internal USB dongle kits
98R3C31510E
PPC-3150/3170 install CF card kits
98R3C31520E
PPC-3150/PPC-3170 CFast card kits
Panel Cutout Dimensions: 382 x 303 mm (15.03 x 11.92 in)
379.31
391.40
382.00
Cutout
7.5
45.35
55.35
158.20
75.00
C
E
H
G
K
L
J
I
F
D
B
A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com