Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN533RAMR Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN533RAMR
Description  Numeric Display
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN533RAMR Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN533RAMR Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit: mm
311
Lead wire dimension
Red
Green
VF
IF
Max
IR
IO
Red
Red
Green
Green
Lighting
Color
3 Digit 7.6mm (.3”) Series
s Absolute Maximum Ratings (T
a = 25°C)
Lighting Color
Conventional Part No.
Global Part No.
Lighting Color
LN533RAMR ····· LNM233AA01 ····· Red
LN533RKMR ····· LNM233KA01 ····· Red
LN533GAMG ···· LNM333AA01 ····· Green
LN533GKMG ···· LNM333KA01 ····· Green
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
Numeric Display
LN533RAMR
LN533RKMR
LN533GAMG
LN533GKMG
Unit
Anode
Cathode
Anode
Cathode
µcd
µcd
µcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Common
Typ
Typ
Max
Typ
Typ
IF
VR
λ
P
∆λ
PD(mW)
IF(mA)
IFP(mA)
VR(V)
Topr(°C)
Tstg(°C)
60
60
20
20
100
100
5
5
−25 ∼ +80
−25 ∼ +80
−30 ∼ +85
−30 ∼ +85
Min
Typ
IO /d.p
400
400
1200
1200
150
150
400
400
150
150
400
400
5
5
10
10
2.2
2.2
2.2
2.2
2.8
2.8
2.8
2.8
700
700
565
565
100
100
30
30
20
20
20
20
10
10
10
10
5
5
5
5
Terminal Connection
Pin
No.
Assignment
1
Cathode g1
Assignment
2
3
4
5
6
7
8
9
10
Cathode e1
Cathode d1
Cathode dp1
Cathode c1
Anode c1
Cathode e2
Cathode d2
Cathode c2
Cathode g2
11
12
13
14
15
16
17
18
Cathode e3
Cathode d3
Cathode dp3
Cathode c3
Cathode g3
Cathode b3
Common Anode D3
Cathode a3
19
Cathode f3
20
Cathode b2
21
Common Anode D2
22
Cathode a2
23
Cathode f2
24
Anode b1
25
Cathode b1
26
Cathode a1
27
Common Anode D1
28
Cathode f1
Anode g1
Anode e1
Anode d1
Anode dp1
Anode c1
Cathode c1
Anode e2
Anode d2
Anode c2
Anode g2
Anode e3
Anode d3
Anode dp3
Anode c3
Anode g3
Anode b3
Common Cathode D3
Anode a3
Anode f3
Anode b2
Common Cathode D2
Anode a2
Anode f2
Cathode b1
Anode b1
Anode a1
Common Cathode D1
Anode f1
1.6
1.8
2.0
2.4
2.2
100
50
30
5
3
10
1
Forward Current
Ambient Temperature
IF VF
0
0
20
10
5
15
20
25
40
60
80
100
IF Ta
Forward Voltage
3
1
5
10
50
100
30
10000
5000
3000
500
300
1000
100
IO IF
LN533RAMR
LN533RAMR
LN533RKMR
LN533RKMR
LN533RAMR
LN533RKMR
36.0
10.0 10.0
10
°
4.4
3.5
3 –
φ 1.2
0.5
*2.54
2.54
× 13.0 = 33.02
123456789 10 11 12 13 14
28 27 26 25 24 23 22 21 20 19 18 17 16 15
a
g
D1
D2
D3
d
f
e
b
c dp


Similar Part No. - LN533RAMR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN533OAMG PANASONIC-LN533OAMG Datasheet
23Kb / 1P
Numeric Display
LN533OKMG PANASONIC-LN533OKMG Datasheet
23Kb / 1P
Numeric Display
LN533YAMY PANASONIC-LN533YAMY Datasheet
23Kb / 1P
Numeric Display
LN533YKMY PANASONIC-LN533YKMY Datasheet
23Kb / 1P
Numeric Display
More results

Similar Description - LN533RAMR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN5110OGAMW PANASONIC-LN5110OGAMW Datasheet
20Kb / 1P
Numeric Display
LN513RA PANASONIC-LN513RA Datasheet
21Kb / 1P
Numeric Display
LN513YA PANASONIC-LN513YA Datasheet
21Kb / 1P
Numeric Display
LN513YAS PANASONIC-LN513YAS Datasheet
21Kb / 1P
Numeric Display
LN514RA PANASONIC-LN514RA Datasheet
21Kb / 1P
Numeric Display
LN514YA PANASONIC-LN514YA Datasheet
21Kb / 1P
Numeric Display
LN516RA PANASONIC-LN516RA Datasheet
21Kb / 1P
Numeric Display
LN518RA PANASONIC-LN518RA Datasheet
21Kb / 1P
Numeric Display
LN523YAMY PANASONIC-LN523YAMY Datasheet
21Kb / 1P
Numeric Display
LN543OAN8 PANASONIC-LN543OAN8 Datasheet
25Kb / 1P
Numeric Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com