Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-800 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VC-800
Description  Voltage Controlled Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-800 Datasheet(HTML) 2 Page - Vectron International, Inc

  VC-800 Datasheet HTML 1Page - Vectron International, Inc VC-800 Datasheet HTML 2Page - Vectron International, Inc VC-800 Datasheet HTML 3Page - Vectron International, Inc VC-800 Datasheet HTML 4Page - Vectron International, Inc VC-800 Datasheet HTML 5Page - Vectron International, Inc VC-800 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VC-800 Voltage Controlled Crystal Oscillator
Performance Characteristics
Electrical Performance
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
2
.
Figure 1. Output Waveform
Conditions (25±5°C)
Figure 2. Typical Output Test
1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended.
2. Figure 1 defines these parameters. Figure 2 illustrates the equivalent five gate TTL load and operating conditions under
which these parameters are tested and specified.
3. Symmetry is defined as (ON TIME/PERIOD with Vs = 1.4 V for TTL and Vs=2.5 V for CMOS, 5 volt operation, and
Vs=1.65V for 3.3 Volt operation.
4. Load Capacitor will depend on frequency.
Frequency
fO
1.544
51.84
MHz
Supply Voltage1
(+3.3 V)
VDD
2.97
3.3
3.63
V
(+5.0 V)
4.5
5.0
5.5
Supply Current
IDD
12
25
mA
Output Logic Levels
Output Logic High2
VOH
0.9*VDD
V
Output Logic Low2
VOL
0.1VDD
Transition Times
Rise Time2
tR
5ns
Fall Time2
tF
5ns
Symmetry or Duty Cycle3
SYM
40
50
60
%
Operating temperature (ordering option)
0/70 or –40/85
°C
Test Conditions for APR (+5V option)
VC
0.5
4.5
V
Test Conditions for APR (+3.3V option)
VC
0.3
3.0
V
Absolute Pull Range (ordering option)
APR
+/-50
ppm
+/- 80
Gain Transfer (See Figure 3)
Positive
Control Voltage Leakage Current
IVCXO
±1
uA
Control Voltage Bandwidth (-3dB)
BW
10
kHz
Package Size
5.0 x 3.2 x 1.5
mm
Parameter
Symbol
Minimum
Typical
Maximum
Units



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com