Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCNH375W Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCNH375W
Description  isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCNH375W Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCNH375W Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCNH375W Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
ISCNH375W
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
900
-
-
V
VGS(th)
Gate Threshold Voltage
VDS= 10V; ID= 0.25mA
2.5
-
4.5
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 7.5A
-
310
350
mΩ
IGSS
Gate-Body Leakage Current
VGS= ±30V;VDS= 0
-
-
±
0.1
uA
IDSS
Zero Gate Voltage Drain Current
VDS= 900V; VGS= 0
-
-
1.0
uA
VSD
Forward On-Voltage
IS= 15A; VGS= 0
-
-
1.2
V
Ciss
Input Capacitance
VGS = 0V,
VDS = 50V,
f = 1.0MHz
-
2840
-
pF
Coss
Output Capacitance
-
220
-
Crss
Reverse Transfer Capacitance
-
16
-
Qg
Total Gate Charge
VDD = 720V,
ID = 15A,
VGS =10V
-
62
-
nC
Qgs
Gate-Source Charge
-
15
-
Qgd
Gate-Drain Charge
-
23
-
td(on)
Turn-on Delay Time
VDD = 400V,
ID = 15A,
RG = 25Ω
-
49
-
ns
tr
Turn-on Rise Time
-
42
-
td(off)
Turn-off Delay Time
-
166
-
tf
Turn-off Fall Time
-
13
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com