Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVD5117PL Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # NVD5117PL
Description  isc P-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

NVD5117PL Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  NVD5117PL Datasheet HTML 1Page - Inchange Semiconductor Company Limited NVD5117PL Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc P-Channel MOSFET Transistor
NVD5117PL
FEATURES
·
Drain Current : ID= -61A@ TC=25℃
·
Drain Source Voltage
: VDSS= -60V(Min)
·
Static Drain-Source On-Resistance
: RDS(on) = 16mΩ(Max)
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
DESCRIPTION
·
motor drive, DC-DC converter, power switch
and solenoid drive.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage-Continuous
±
20
V
ID
Drain Current-Continuous
-61
A
PD
Total Dissipation @TC=25℃
118
W
TJ
Max. Operating Junction Temperature
-55~175
℃
Tstg
Storage Temperature
-55~175
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.3
℃
/W


Similar Part No. - NVD5117PL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5117PL ONSEMI-NVD5117PL Datasheet
146Kb / 6P
??0 V, 16 m, ??1 A, Single P?묬hannel
September, 2011 ??Rev. 0
NVD5117PL ONSEMI-NVD5117PL Datasheet
81Kb / 6P
Power MOSFET
January, 2017 ??Rev. 1
NVD5117PLT4G ONSEMI-NVD5117PLT4G Datasheet
146Kb / 6P
??0 V, 16 m, ??1 A, Single P?묬hannel
September, 2011 ??Rev. 0
NVD5117PLT4G ONSEMI-NVD5117PLT4G Datasheet
81Kb / 6P
Power MOSFET
January, 2017 ??Rev. 1
logo
BYCHIP ELECTRONICS CO.,...
NVD5117PLT4G BYCHIP-NVD5117PLT4G Datasheet
889Kb / 4P
P-channel Enhancement Mode Power MOSFET
v1.0
More results

Similar Description - NVD5117PL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCC1833 ISC-ISCC1833 Datasheet
389Kb / 2P
isc P-Channel MOSFET Transistor
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
Isc P-Channel MOSFET Transistor
ISCPL45D ISC-ISCPL45D Datasheet
316Kb / 2P
isc P-Channel MOSFET Transistor
SUD50P06-15 ISC-SUD50P06-15 Datasheet
267Kb / 2P
Isc P-Channel MOSFET Transistor
AOD403 ISC-AOD403 Datasheet
377Kb / 2P
Isc P-Channel MOSFET Transistor
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
DMP4015SK3 ISC-DMP4015SK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
DMP4051LK3 ISC-DMP4051LK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
ISCNL266D ISC-ISCNL266D Datasheet
271Kb / 2P
isc P-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com