Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN534RAMR Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN534RAMR
Description  Numeric Display
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN534RAMR Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN534RAMR Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
316
Unit: mm
Lead wire dimension
Red
Green
VF
IF
Max
IR
IO
Red
Red
Green
Green
Lighting
Color
3 Digit 11.0mm (.4”) Series
s Absolute Maximum Ratings (T
a = 25°C)
Lighting Color
Conventional Part No.
Global Part No.
Lighting Color
LN534RAMR ····· LNM234AA01 ····· Red
LN534RKMR ····· LNM234KA01 ····· Red
LN534GAMG ···· LNM334AA01 ····· Green
LN534GKMG ···· LNM334KA01 ····· Green
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
Numeric Display
LN534RAMR
LN534RKMR
LN534GAMG
LN534GKMG
Unit
Anode
Cathode
Anode
Cathode
µcd
µcd
µcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Common
Typ
Typ
Max
Typ
Typ
IF
VR
λ
P
∆λ
PD(mW)
IF(mA)
IFP(mA)
VR(V)
Topr(°C)
Tstg(°C)
60
60
20
20
100
100
5
3
−25 ∼ +80
−25 ∼ +80
−30 ∼ +85
−30 ∼ +85
Min
Typ
IO /d.p
450
450
1500
1500
150
150
500
500
150
150
500
500
5
5
10
10
2.2
2.2
2.2
2.2
2.8
2.8
2.8
2.8
700
700
565
565
100
100
30
40
20
20
20
20
10
10
10
10
5
5
5
5
Terminal Connection
Pin
No.
Assignment
1
Cathode e1
Assignment
2
3
4
5
6
7
8
9
10
Cathode d1
Common Anode D1
Cathode c1
Cathode dp1
Cathode e2
Cathode d2
Common Anode D2
Cathode c2
Cathode dp2
11
12
13
14
15
16
17
18
Cathode e3
Cathode d3
Common Anode D3
Cathode c3
Cathode dp3
Cathode b3
Cathode a3
Common Anode D3
19
Cathode f3
20
Cathode g3
21
Cathode g2
22
Cathode b2
23
Cathode a2
24
Common Anode D2
25
Cathode f2
26
Cathode g1
27
Cathode b1
28
Cathode a1
29
Common Anode D1
30
Cathode f1
Anode e1
Anode d1
Common Cathode D1
Anode c1
Anode dp1
Anode e2
Anode d2
Common Cathode D2
Anode c2
Anode dp2
Anode e3
Anode d3
Common Cathode D3
Anode c3
Anode dp3
Anode b3
Anode a3
Common Cathode D3
Anode f3
Anode g3
Anode g2
Anode b2
Anode a2
Common Cathode D2
Anode f2
Anode g1
Anode b1
Anode a1
Common Cathode D1
Anode f1
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50
100
30
100
50
30
5
3
10
1
10000
5000
3000
500
300
1000
100
Forward Current
Ambient Temperature
IF VF
0
20
20
10
30
40
50
40
60
80
100
IF Ta
Forward Voltage
IO IF
0
LN534RAMR
LN534RAMR
LN534RKMR
LN534RKMR
LN534RAMR
LN534RKMR
33.0
11.0
11.0
7.0
4.3
10
°
3 –
φ 1.4
2.0
× 14.0 = 28.0
0.5
*2.0
1
a
b
c
d
e
f
D1
D2
D3
dp1
dp2
dp3
2 3 4 5 6 7 8 9 10 11 12 13 14 15
30 29 28 27 26 25 24 23 22 21 20 19 18 17 16
g


Similar Part No. - LN534RAMR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN534OAMO PANASONIC-LN534OAMO Datasheet
24Kb / 1P
Numeric Display
LN534OKMO PANASONIC-LN534OKMO Datasheet
24Kb / 1P
Numeric Display
LN534YAMY PANASONIC-LN534YAMY Datasheet
24Kb / 1P
Numeric Display
LN534YKMY PANASONIC-LN534YKMY Datasheet
24Kb / 1P
Numeric Display
More results

Similar Description - LN534RAMR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN5110OGAMW PANASONIC-LN5110OGAMW Datasheet
20Kb / 1P
Numeric Display
LN513RA PANASONIC-LN513RA Datasheet
21Kb / 1P
Numeric Display
LN513YA PANASONIC-LN513YA Datasheet
21Kb / 1P
Numeric Display
LN513YAS PANASONIC-LN513YAS Datasheet
21Kb / 1P
Numeric Display
LN514RA PANASONIC-LN514RA Datasheet
21Kb / 1P
Numeric Display
LN514YA PANASONIC-LN514YA Datasheet
21Kb / 1P
Numeric Display
LN516RA PANASONIC-LN516RA Datasheet
21Kb / 1P
Numeric Display
LN518RA PANASONIC-LN518RA Datasheet
21Kb / 1P
Numeric Display
LN523YAMY PANASONIC-LN523YAMY Datasheet
21Kb / 1P
Numeric Display
LN543OAN8 PANASONIC-LN543OAN8 Datasheet
25Kb / 1P
Numeric Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com