Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMTS0D6N04CL Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMTS0D6N04CL
Description  Power MOSFET 40 V, 0.42 m, 554.5 A, Single N?묬hannel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMTS0D6N04CL Datasheet(HTML) 2 Page - ON Semiconductor

  NTMTS0D6N04CL Datasheet HTML 1Page - ON Semiconductor NTMTS0D6N04CL Datasheet HTML 2Page - ON Semiconductor NTMTS0D6N04CL Datasheet HTML 3Page - ON Semiconductor NTMTS0D6N04CL Datasheet HTML 4Page - ON Semiconductor NTMTS0D6N04CL Datasheet HTML 5Page - ON Semiconductor NTMTS0D6N04CL Datasheet HTML 6Page - ON Semiconductor NTMTS0D6N04CL Datasheet HTML 7Page - ON Semiconductor NTMTS0D6N04CL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© Semiconductor Components Industries, LLC, 2018
January, 2019 − Rev. 1
1
Publication Order Number:
NTMTS0D6N04CL/D
NTMTS0D6N04CL
Power MOSFET
40 V, 0.42 mW, 554.5 A, Single N−Channel
Features
• Small Footprint (8x8 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
• Power Tools, Battery Operated Vacuums
• UAV/Drones, Material Handling
• BMS/Storage, Home Automation
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
40
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJC (Note 2)
Steady
State
TC = 25°C
ID
554.5
A
TC = 100°C
392.1
Power Dissipation
RqJC (Note 2)
Steady
State
TC = 25°C
PD
245.4
W
TC = 100°C
122.7
Continuous Drain
Current RqJA
(Notes 1, 2)
Steady
State
TA = 25°C
ID
78.9
A
TA = 100°C
55.8
Power Dissipation
RqJA (Notes 1, 2)
Steady
State
TA = 25°C
PD
5.0
W
TA = 100°C
2.5
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
900
A
Operating Junction and Storage Temperature
Range
TJ, Tstg
−55 to
+175
°C
Source Current (Body Diode)
IS
204.5
A
Single Pulse Drain−to−Source Avalanche
Energy (IL(pk) = 52.7 A)
EAS
2058
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State (Note 2)
RqJC
0.61
°C/W
Junction−to−Ambient − Steady State (Note 2)
RqJA
30.2
1. Surface−mounted on FR4 board using a 1 in2 pad size, 1 oz. Cu pad.
2. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
www.onsemi.com
See detailed ordering, marking and shipping information in the
package dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
V(BR)DSS
RDS(ON) MAX
ID MAX
40 V
0.42 mW @ 10 V
554.5 A
0.66 mW @ 4.5 V
G (1)
S (2−4)
N−CHANNEL MOSFET
D (5−8)
POWER 88
CASE 507AP
MARKING DIAGRAM
XXXXXXXX
AWLYWW
XXX = Device Code
(8 A−N characters max)
A
= Assembly Location
WL = 2−digit Wafer Lot Code
Y
= Year Code
WW = Work Week Code



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com