Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSSCSR1T897MM2AC Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # FSSCSR1T897MM2AC
Description  FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FSSCSR1T897MM2AC Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  FSSCSR1T897MM2AC Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FSSCSR1T897MM2AC Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
FSSCSR1T897MM2AC (Previous PN: F5QA897M5M2AC)
Features
Item Summary
SAW, Tx Type, 1.1x0.9x0.5mm
Band 8
Lifecycle Stage
Mass Production (Preferred)
Standard packaging quantity (minimum)
Taping Embossed 10000pcs
Products characteristics table
System
GSM
Type
SAW
Function
Tx Type
band
Band 8
Insertion Loss (typ)
2.3 dB
Attenuation (typ)
28 dB
Termination Impedance
Unbalance
Operating Temp. Range
-30 to +85 ℃
RoHS Compliance (10 subst.)
Yes
REACH Compliance (223 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.1 ±0.10 mm
Dimension W
0.9 ±0.10 mm
Dimension T
Max 0.5 mm
2022.03.21
1 / 1


Similar Part No. - FSSCSR1T897MM2AC

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FSSCSR1T806MM2QE TAIYO-YUDEN-FSSCSR1T806MM2QE Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
FSSCSR1T836MM2AR TAIYO-YUDEN-FSSCSR1T836MM2AR Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
FSSCSR1T876MM2QP TAIYO-YUDEN-FSSCSR1T876MM2QP Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
FSSCSR1T876MP2KQ TAIYO-YUDEN-FSSCSR1T876MP2KQ Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
FSSCSR1T881MM2AU TAIYO-YUDEN-FSSCSR1T881MM2AU Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
More results

Similar Description - FSSCSR1T897MM2AC

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FSSCSR1N1G19H4PF TAIYO-YUDEN-FSSCSR1N1G19H4PF Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
FSSCSR1N1G58R6TT TAIYO-YUDEN-FSSCSR1N1G58R6TT Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
FSSCSR1N1G90H4PB TAIYO-YUDEN-FSSCSR1N1G90H4PB Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
FSSCSR1N2G15M6UU TAIYO-YUDEN-FSSCSR1N2G15M6UU Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
FSSCSR1T1G58M2AT TAIYO-YUDEN-FSSCSR1T1G58M2AT Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
FSSCSR1T1G74M2QS TAIYO-YUDEN-FSSCSR1T1G74M2QS Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
FSSCSR1T1G95M2AA TAIYO-YUDEN-FSSCSR1T1G95M2AA Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
FSSCSR1T748MM2WF TAIYO-YUDEN-FSSCSR1T748MM2WF Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
FSSCSR1T876MM2QP TAIYO-YUDEN-FSSCSR1T876MM2QP Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
FSSCSR1T942MM2AW TAIYO-YUDEN-FSSCSR1T942MM2AW Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com