Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDQ10-D Datasheet(PDF) 8 Page - CUI INC

Part # PDQ10-D
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQ10-D Datasheet(HTML) 8 Page - CUI INC

  PDQ10-D Datasheet HTML 1Page - CUI INC PDQ10-D Datasheet HTML 2Page - CUI INC PDQ10-D Datasheet HTML 3Page - CUI INC PDQ10-D Datasheet HTML 4Page - CUI INC PDQ10-D Datasheet HTML 5Page - CUI INC PDQ10-D Datasheet HTML 6Page - CUI INC PDQ10-D Datasheet HTML 7Page - CUI INC PDQ10-D Datasheet HTML 8Page - CUI INC PDQ10-D Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
cui.com
date 07/26/2021
│ page 8 of 9
CUI Inc
│ SERIES: PDQ10-D │ DESCRIPTION: DC-DC CONVERTER
Table 5
Output Voltage Trimming
The output voltage can be adjusted (single outputs only) by using the trim pin and the use of either an external trim pot or
the use of a single fixed resistor (see Figures below). If the trim function is not needed, leave the trim pin open.
APPLICATION NOTES
)
(k
)
1
2
)
(
1
(
1
,
Rt
R
Vo
V
R
Vr
R
R
nom
o
down
trim
)
(k
)
2
)
(
)
3
2
(
1
(
,
Rt
R
V
Vo
R
R
R
Vr
R
nom
o
up
trim
Output
Voltage
(Vdc)
R1
(kΩ)
R2
(kΩ)
R3
(kΩ)
Rt
(kΩ)
Vr
(V)
3.3
2.74
1.8
0.27
9.1
1.24
5
2.32
2.32
0
8.2
2.5
12
6.8
2.4
2.32
22
2.5
15
8.06
2.4
3.9
27
2.5
Note: R
trim-up is the external resistor in kΩ
R
trim-down is the external resistor in kΩ
V
O, nom is the nominal output voltage
V
O is the desired output voltage
R1, R2, R3, Rt, and Vr are internal (see Table 5).
Formula for Trim Resistor
Figure 5 Trim Adjustments To Increase
Output Voltage Using A Fixed Resistor
Figure 4 Trim Adjustments Using
A Trimpot
Figure 6 Trim Adjustments To Decrease
Output Voltage Using A Fixed Resistor
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com