Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDQ30-D Datasheet(PDF) 3 Page - CUI INC

Part # PDQ30-D
Description  DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQ30-D Datasheet(HTML) 3 Page - CUI INC

  PDQ30-D Datasheet HTML 1Page - CUI INC PDQ30-D Datasheet HTML 2Page - CUI INC PDQ30-D Datasheet HTML 3Page - CUI INC PDQ30-D Datasheet HTML 4Page - CUI INC PDQ30-D Datasheet HTML 5Page - CUI INC PDQ30-D Datasheet HTML 6Page - CUI INC PDQ30-D Datasheet HTML 7Page - CUI INC PDQ30-D Datasheet HTML 8Page - CUI INC PDQ30-D Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
cui.com
date 03/14/2022
│ page 3 of 10
CUI Inc
│ SERIES: PDQ30-D │ DESCRIPTION: DC-DC CONVERTER
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
zener or TVS clamp
3.3 Vdc output models
5 Vdc output models
12 Vdc output models (single and dual)
15 Vdc output models (single and dual)
3.9
6.2
15
18
Vdc
Vdc
Vdc
Vdc
over current protection
hiccup mode
110
140
170
%
short circuit protection
continuous, automatic recovery
over temperature protection
output shutdown, automatic recovery
110
°C
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
1,500
Vdc
isolation resistance
input to output
1,000
MΩ
isolation capacitance
input to output
1,500
pF
safety approvals
62368-1: EN
meets 62368-1: UL
conducted emissions
EN 55022 Class A (external circuit required, see
Figure 3)
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
105
°C
storage temperature
-55
125
°C
operating humidity
non-condensing
95
%
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
see wave soldering profile
260
°C
Notes:
1. Soldering materials: Sn/Cu/Ni
2. Ramp up rate during preheat: 1.4°C/s (from 50°C to 100°C)
3. Soaking temperature: 0.5°C/s (from 100°C to 130°C), 60±20 seconds
4. Peak temperature: 260°C, above 250°C for 3~6 seconds
5. Ramp down rate during cooling: -10°C/s (from 260°C to 150°C)
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com