Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM1A-S Datasheet(PDF) 4 Page - CUI INC

Part # PEM1A-S
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PEM1A-S Datasheet(HTML) 4 Page - CUI INC

  PEM1A-S Datasheet HTML 1Page - CUI INC PEM1A-S Datasheet HTML 2Page - CUI INC PEM1A-S Datasheet HTML 3Page - CUI INC PEM1A-S Datasheet HTML 4Page - CUI INC PEM1A-S Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
date 07/08/2021
│ page 4 of 5
CUI Inc
│ SERIES: PEM1A-S │ DESCRIPTION: DC-DC CONVERTER
PERFORMANCE CURVES
PACKAGING
units: mm
Tube Size: 15.5 x 8 x 520 mm
QTY: 25 pcs
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com