Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

529521 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 529521
Description  Soft start valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

529521 Datasheet(HTML) 1 Page - Festo Corporation.

  529521 Datasheet HTML 1Page - Festo Corporation. 529521 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Soft start valve
MS4-DE-1/4-V230
Part number: 529521
Data sheet
Feature
Value
Actuation type
Electrical
Mounting position
Any
Manual override
Detenting
Non-detenting
Structural design
Piston seat
Reset method
Mechanical spring
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991501
Valve function
2/2
Switching position indication
with accessories
Operating pressure
4 bar ... 14 bar
b-value
0.45
C value
9.6 l/sbar
Standard nominal flow rate
2000 l/min
Duty cycle
100%
Coil characteristics
230 V AC: 50/60 Hz, initial power 3.0 VA, holding power 2.4 VA
Certification
c UL us - Recognized (OL)
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
For use in the food industry
See supplementary material information
Temperature of medium
-10 °C ... 60 °C
Degree of protection
IP65
Ambient temperature
-10 °C ... 60 °C
Product weight
263 g
3/31/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 529521

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5295 POMONA-5295 Datasheet
26Kb / 1P
Low Voltage Retractable Sheath Banana Plug To Spade Lug
5295-36-0 POMONA-5295-36-0 Datasheet
26Kb / 1P
Low Voltage Retractable Sheath Banana Plug To Spade Lug
5295-36-2 POMONA-5295-36-2 Datasheet
26Kb / 1P
Low Voltage Retractable Sheath Banana Plug To Spade Lug
logo
Festo Corporation.
529519 FESTO-529519 Datasheet
84Kb / 2P
Soft start valve
3/31/22
529531 FESTO-529531 Datasheet
83Kb / 1P
Soft start valve
3/31/22
More results

Similar Description - 529521

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529532 FESTO-529532 Datasheet
83Kb / 1P
Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
Soft start valve
3/31/22
531992 FESTO-531992 Datasheet
84Kb / 1P
Soft start valve
3/31/22
542566 FESTO-542566 Datasheet
86Kb / 2P
Soft start valve
3/31/22
542569 FESTO-542569 Datasheet
85Kb / 2P
Soft start valve
3/31/22
532042 FESTO-532042 Datasheet
85Kb / 2P
Soft start valve
4/1/22
532049 FESTO-532049 Datasheet
86Kb / 2P
Soft start valve
4/1/22
532050 FESTO-532050 Datasheet
86Kb / 2P
Soft start valve
4/1/22
542574 FESTO-542574 Datasheet
86Kb / 2P
Soft start valve
4/1/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com