Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PES1-M Datasheet(PDF) 2 Page - CUI INC

Part # PES1-M
Description  DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PES1-M Datasheet(HTML) 2 Page - CUI INC

  PES1-M Datasheet HTML 1Page - CUI INC PES1-M Datasheet HTML 2Page - CUI INC PES1-M Datasheet HTML 3Page - CUI INC PES1-M Datasheet HTML 4Page - CUI INC PES1-M Datasheet HTML 5Page - CUI INC PES1-M Datasheet HTML 6Page - CUI INC PES1-M Datasheet HTML 7Page - CUI INC PES1-M Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
cui.com
CUI Inc
│ SERIES: PES1-M │ DESCRIPTION: DC-DC CONVERTER
date 08/11/2021
│ page 2 of 8
MODEL
(CONTINUED)
input
voltage
output
voltage
output
current
output
power
ripple
and noise2
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
typ
(mVp-p)
typ
(%)
PES1-S24-S24-M1
24
21.6~26.4
24
4
42
1
60
80
PES1-S24-D5-M
24
21.6~26.4
±5
±10
±100
1
60
80
PES1-S24-D9-M
24
21.6~26.4
±9
±6
±56
1
60
80
PES1-S24-D12-M
24
21.6~26.4
±12
±5
±42
1
60
81
PES1-S24-D15-M
24
21.6~26.4
±15
±3
±33
1
60
82
PES1-S24-D24-M
24
21.6~26.4
±24
±2
±21
1
60
76
Notes:
1. UL approved
2. Ripple and noise are measured at 20 MHz BW by “parallel cable” method with 1 μF ceramic and 10 μF electrolytic capacitors on the output.
PART NUMBER KEY
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
3.3 Vdc input models
5 Vdc input models
12 Vdc input models
15 Vdc input models
24 Vdc input models
2.97
4.5
10.8
13.5
21.6
3.3
5
12
15
24
3.63
5.5
13.2
16.5
26.4
Vdc
Vdc
Vdc
Vdc
Vdc
surge voltage
for maximum of 1 second
3.3 Vdc input models
5 Vdc input models
12 Vdc input models
15 Vdc input models
24 Vdc input models
-0.7
-0.7
-0.7
-0.7
-0.7
5
9
18
21
30
Vdc
Vdc
Vdc
Vdc
Vdc
filter
capacitance filter
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
for Vin change of 1%
3.3 Vdc output models
all other models
±1.5
±1.2
%
%
load regulation
measured from 10% load to full load
3.3 Vdc output models
5 Vdc output models
9 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
18
12
9
8
7
6
%
%
%
%
%
%
voltage accuracy
see tolerance envelope curve
switching frequency
100% load, nominal input voltage
100
kHz
temperature coefficient
100% load
±0.03
%/°C
PES1 - SXX - XXX - M - X
Input Voltage
Output Voltage
Packaging Style
Base Number
Output
S = single
D = dual
"blank" = tube
TR = tape & reel
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com