Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIMB-R430P-03A2E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-R430P-03A2E
Description  Riser Cards & Add on Cards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-R430P-03A2E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-R430P-03A2E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-R430P-03A2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riser Cards & Add on Cards
Selection Guide
Module Name
AIMB-RP10P-01A1E
AIMB-RP30P-03A1E
AIMB-R4104-01A1E
AIMB-R430P-03A2E
AIMB-R4301-03A1E
Interface
PCI
PCI
PCIe x 4
PCIe x 4
PCIe x 4
Expansion Slots
1 PCI
3 PCI
1 PCIe x 4
3 PCI
3 PCIe x 1
Chassis
1U
Yes
-
Yes
-
-
2U
-
Yes
-
Yes
Yes
ATX
AIMB-785
-
-
Yes
Yes
AIMB-784
-
-
-
-
-
AIMB-782
-
-
-
Yes
-
AIMB-781
-
-
Yes
Yes
Yes
AIMB-780
Yes
Yes
-
-
-
AIMB-705
Yes
Yes
-
-
-
AIMB-701
-
-
Yes
Yes
AIMB-769
-
-
Yes
Yes
Micro ATX
AIMB-585
-
-
Yes
Yes
Yes
AIMB-584
Yes
Yes
-
-
-
AIMB-582
Yes
Yes
-
-
-
AIMB-581
Yes
Yes
-
-
-
AIMB-580
Yes
Yes
-
-
-
AIMB-567
Yes
Yes
-
-
-
AIMB-505
Yes
Yes
-
-
-
AIMB-503
Yes
Yes
-
-
-
AIMB-502
Yes
Yes
-
-
-
AIMB-501
Yes
Yes
-
-
-
Module Name
AIMB-RP3PF-21A1E
AIMB-RP3P8-12A1E
AIMB-R431F-21A1E
AIMB-R43PF-21A1E
Riser card type
card 1
card 2
card 1
card 2
card 1
card 2
card 1
card 2
Interface
PCIe x16
PCI
PCIe x 16
PCI
PCIe x 16
PCIe x 4
PCIe x 16
PCIe x 4
Expansion Slots
1 PCIe x 16
2 PCI
2 PCIe x 8
1 PCI
1 PCIe x 16
2PCIe x 1
1 PCIe x 16
2 PCI
Chassis
1U
-
Yes
-
-
2U
Yes
-
Yes
Yes
ATX
AIMB-785
-
-
Yes
AIMB-784
-
-
Yes
AIMB-782
-
-
Yes
AIMB-781
-
Yes (WG2 Only)*
Yes
Yes
AIMB-780
Yes
-
-
-
AIMB-705
Yes
-
-
-
AIMB-701
-
-
-
-
AIMB-769
-
-
-
-
Micro ATX
AIMB-585
-
-
-
-
AIMB-584
Yes
Yes (WG2 Only)*
-
-
AIMB-582
Yes
Yes (WG2 Only)*
-
-
AIMB-581
Yes
Yes (WG2 Only)*
-
-
AIMB-580
Yes
-
-
-
AIMB-567
Yes
-
-
-
AIMB-505
Yes
-
-
-
AIMB-503
Yes
-
-
-
AIMB-502
Yes
-
-
-
AIMB-501
Yes
-
-
-
Yes: Fully compatible
: Only the PCIe x 16 and PCIe x1 (bottom slot) connectors work.
: Only one PCIe x1 connector works (bottom slot).
Card 1
Extend slot
Extend slot
Card 1
Card 2
Card 2
Card 1
Extend slot
Extend slot
Card 1
Card 2
Card 2
All product specifications are subject to change without notice.
Last updated: 30-Aug-2017


Similar Part No. - AIMB-R430P-03A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
597Kb / 2P
LGA1151 6th/7th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® ATX with Triple Display, DDR4, SATA III
3-Jan-2023
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
590Kb / 2P
LGA1151 8th/9th Generation Intel® Core™ i7/i5/i3 & Pentium®/Celeron ON® ATX with Triple Display, DDR4, USB 3.1, SATA 3.0
3-Jan-2023
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
644Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DP/DVI/VGA, DDR4, USB 3.2, M.2
4-Jan-2023
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
593Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 ATX Motherboard with DP/HDMI/VGA, DDR4, USB 3.2, M.2
3-Jan-2023
More results

Similar Description - AIMB-R430P-03A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-110 ADVANTECH-PCM-110 Datasheet
286Kb / 1P
Riser Cards & I/O Modules
PCM-233A ADVANTECH-PCM-233A Datasheet
268Kb / 1P
Riser Cards
logo
HuaXinAn Electronics CO...
HA2R75E HUAXINAN-HA2R75E Datasheet
194Kb / 2P
PCI Cards protection
HA3R75A HUAXINAN-HA3R75A Datasheet
206Kb / 2P
PCI Cards protection
logo
Advantech Co., Ltd.
AIMB-R4104 ADVANTECH-AIMB-R4104 Datasheet
295Kb / 1P
Riser Cards
AIMB-RF10F-01A1E ADVANTECH-AIMB-RF10F-01A1E Datasheet
295Kb / 1P
Riser Cards
logo
Axiomtek Co., Ltd.
AX93338 AXIOMTEK-AX93338 Datasheet
155Kb / 1P
Add-on Cards
logo
Advantech Co., Ltd.
PCM-10586-9562E ADVANTECH-PCM-10586-9562E_14 Datasheet
183Kb / 1P
Cable kit , Riser Cards & I/O modules
AIMB-RP10P-01A1E ADVANTECH-AIMB-RP10P-01A1E_14 Datasheet
308Kb / 1P
Riser Cards
logo
List of Unclassifed Man...
RSC-R2UT-2E8R ETC1-RSC-R2UT-2E8R Datasheet
3Mb / 1P
Riser Cards (X9)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com