Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSK-3D Datasheet(PDF) 2 Page - CUI INC

Part # PSK-3D
Description  INTERNAL AC-DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSK-3D Datasheet(HTML) 2 Page - CUI INC

  PSK-3D Datasheet HTML 1Page - CUI INC PSK-3D Datasheet HTML 2Page - CUI INC PSK-3D Datasheet HTML 3Page - CUI INC PSK-3D Datasheet HTML 4Page - CUI INC PSK-3D Datasheet HTML 5Page - CUI INC PSK-3D Datasheet HTML 6Page - CUI INC PSK-3D Datasheet HTML 7Page - CUI INC PSK-3D Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
cui.com
date 01/19/2022
│ page 2 of 8
CUI Inc
│ SERIES: PSK-3D │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
ac input
dc input
85
100
305
430
Vac
Vdc
frequency
47
63
Hz
current
115 Vac
230 Vac
0.08
0.06
A
A
inrush current
115 Vac
230 Vac
15
25
A
A
leakage current
277 Vac/50 Hz
0.25
mA
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
3.3 Vdc
5 Vdc
9 Vdc
12 Vdc
15 Vdc
24 Vdc
4,000
3,000
1,200
1,200
680
220
μF
μF
μF
μF
μF
μF
output voltage accuracy
3.3 V
all other models
±3
±2
%
%
line regulation
at full load
±0.5
%
load regulation
0~100% load
±1.0
%
hold-up time
115 Vac
230 Vac
5
50
ms
ms
switching frequency
65
kHz
no load power consumption
230 Vac
0.1
W
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
3.3 & 5 Vdc output
9 Vdc output
12 Vdc output
15 Vdc output
24 Vdc output
7.5
15
16
20
30
V
V
V
V
V
over current protection
auto recovery
200
%
short circuit protection
continuous, auto recovery, hiccup
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, 1 min. <5mA
4,000
Vac
safety approvals
certified to
62368: IEC, EN, UL/cUL
certified to
61558: EN
certified to
60335: EN
safety class
Class II
EMI/EMC
CISPR32/EN55032 CLASS B
EN55014-1
ESD
IEC/EN 61000-4-2 Contact ±6KV/Air ±8KV perf. Criteria B
EN55014-2 perf. Criteria B
radiated immunity
IEC/EN61000-4-3 10V/m perf. Criteria A
EN55014-2 perf. Criteria A
EFT/burst
IEC/EN61000-4-4 ±2KV (See Fig.1 for typical application circuit) perf. Criteria B
IEC/EN61000-4-4 ±4KV (See Fig.2 for recommended circuit) perf. Criteria B
EN55014-2 perf. Criteria B
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com