Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM6-9 Datasheet(PDF) 2 Page - CUI INC

Part # SMM6-9
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMM6-9 Datasheet(HTML) 2 Page - CUI INC

  SMM6-9 Datasheet HTML 1Page - CUI INC SMM6-9 Datasheet HTML 2Page - CUI INC SMM6-9 Datasheet HTML 3Page - CUI INC SMM6-9 Datasheet HTML 4Page - CUI INC SMM6-9 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 06/14/2019
│ page 2 of 5
CUI Inc
│ SERIES: SMM6 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
at 115 Vac, full load
at 230 Vac, full load
0.6
0.3
A
A
inrush current
at 115 Vac, cold start, full load
at 230 Vac, cold start, full load
30
60
A
A
leakage current
at 240 Vac, 50 Hz
0.1
mA
no load power consumption
at 115/230 Vac, 60/50 Hz
0.1
W
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
at full load
±1
%
load regulation
±5
%
start-up time
at 100 Vac, output voltage rise to 90% of rated
output voltage
3
s
rise time
at rated input, full load, from 10% to 90% of rated
output voltage
50
ms
hold-up time
at nominal input, full load
8.3
ms
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
output clamped with zener diode
150
%
short circuit protection
continuous, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output at 5 mA for 2 seconds
4,000
Vac
insulation resistance
input to output at 500 Vdc for 3 seconds
50
MΩ
safety approvals
Medical: UL/cUL 60601-1, TUV, CB
ITE: PSE
EMI/EMC
FCC Part 15 Class B, CE
MTBF
as per MIL-HDBK-217F at 25°C
100,000
hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
0
40
°C
storage temperature
-20
85
°C
operating humidity
non-condensing
10
90
%
storage humidity
non-condensing
5
90
%
altitude
5,000
m
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com