Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM8563 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM8563
Description  1.5A LINEAR BUS TERMINATION REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM8563 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM8563 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CM8563
1.5A LINEAR BUS TERMINATION REGULATOR
PIN DESCRIPTION
Pin No.
Symbol
Description
1
PG
Power Good
2
GND
Ground
3
VFB
Feedback pin for regulating VOUT
4
VREF
Buffered reference Voltage
5
VDDQ
Input for internal reference equal to VDDQ/2
6
VCCA
Analog input
7
VIN
Power input
8
VOUT
Output voltage for connection to termination resistors
ORDERING INFORMATION
Part Number
Temperature Range
Package
CM8563IS
-40℃ to 85℃
8-Pin SOP (S08)
CM8563PIS
-40℃ to 85℃
8-Pin PSOP (PS08)
BLOCK DIAGRAM
6
VCCA
7
VIN
270k
Power Good
8
VOUT
5
VDDQ
1
PG
2
GND
+
-
270k
3
VFB
4
VREF
2003/03/28
Champion Microelectronic Corporation
Page 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com