Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KCD2-UT2-1 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # KCD2-UT2-1
Description  Universal Temperature Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KCD2-UT2-1 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  KCD2-UT2-1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. KCD2-UT2-1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. KCD2-UT2-1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. KCD2-UT2-1 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Interface
Programming interface
programming socket
Input
Connection side
field side
Connection
terminals 1, 2, 3, 4
RTD
type Pt10, Pt50, Pt100, Pt500, Pt1000 (EN 60751: 1995)
type Pt10GOST, Pt50GOST, Pt100GOST, Pt500GOST, Pt1000GOST (6651-94)
type Cu10, Cu50, Cu100 (P50353-92)
type Ni100 (DIN 43760)
Measuring current
approx. 200 µA with RTD
Types of measuring
2-, 3-, 4-wire connection
Lead resistance
max. 50 Ω per line
Measurement loop monitoring
sensor breakage, sensor short-circuit
Thermocouples
type B, E, J, K, N, R, S, T (IEC 584-1: 1995)
type L (DIN 43710: 1985)
type TXK, TXKH, TXA (P8.585-2001)
Cold junction compensation
external and internal
Measurement loop monitoring
sensor breakage
Potentiometer
0 ... 20 kΩ (2-wire connection), 0.8 ... 20 kΩ (3-wire connection)
Voltage
selectable within the range -100 ... 100 mV
Input resistance
≥ 1 MΩ (-100 ... 100 mV)
Output
Connection side
control side
Connection
terminal 5: source (-), terminal 6: source (+), terminal 7: sink(-), terminal 8: sink (+)
Output
Analog current output
Current range
0 ... 20 mA or 4 ... 20 mA
Fault signal
downscale 0 or 2 mA, upscale 21.5 mA (acc. NAMUR NE43)
Source
load 0 ... 550 Ω
open-circuit voltage ≤ 18 V
Sink
Voltage across terminals 5 ... 30 V. If the current is supplied from a source > 16.5 V,
series resistance of ≥ (V - 16.5)/0.0215 Ω is needed, where V is the source voltage.
The maximum value of the resistance is (V - 5)/0.0215 Ω.
Transfer characteristics
Deviation
After calibration
Pt100: ± (0.06 % of measurement value in K + 0.1 % of span + 0.1 K (4-wire
connection))
thermocouple: ± (0.05 % of measurement value in °C + 0.1 % of span + 1.5 K (1.7 K
for types R and S)) , includes ± 1.3 K fault of the cold junction compensation (CJC)
mV: ± (50 µV + 0.1 % of span)
potentiometer: ± (0.05 % of full scale + 0.1 % of span, (excludes faults due to lead
resistance))
Influence of ambient temperature
Pt100: ± (0.0015 % of measurement value in K + 0.006 % of span)/K ΔTamb*)
thermocouple: ± (0.02 K + 0.005 % of measurement value in °C + 0.006 % of span)/K
ΔTamb*)), influence of cold junction compensation (CJC) included
mV: ± (0.01 % of measurement value + 0.006 % of span)/K ΔTamb*)
potentiometer: ± 0.006 % of span/K ΔTamb*)
*)
ΔTamb = ambient temperature change referenced to 23 °C (296 K)
Influence of supply voltage
< 0.01 % of span
Influence of load
≤ 0.001 % of output value per 100 Ω
Reaction time
worst case value (sensor breakage and/or sensor short circuit detection enabled)
mV: 1 s, thermocouples with CJC: 1.1 s, thermocouples with fixed reference
temperature: 1.1 s, 3- or 4-wire RTD: 920 ms, 2-wire RTD: 800 ms, Potentiometer:
2.05 s
Galvanic isolation
Input/Other circuits
basic insulation according to IEC 61010-1, rated insulation voltage 300 Veff
Output/supply, programming input
functional insulation, rated insulation voltage 50 V AC
There is no electrical isolation between the programming input and the supply.
The programming cable provides galvanic isolation so that ground loops are avoided.
Indicators/settings
Display elements
LEDs
Configuration
via PACTware
Labeling
space for labeling at the front
Universal Temperature Converter
KCD2-UT2-1
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com