Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1044ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1044ESA
Description  Switched-Capacitor Voltage Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1044ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1044ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1044ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1044ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1044ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1044ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1044ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1044ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1044ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1044ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
(V+ = 5V; CBYPASS = 0.1μF; C1 = C2 = 10μF; LV = open; OSC = open; TA = +25°C; unless otherwise noted.)
Typical Operating Characteristics (continued)
QUIESCENT CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
9
8
7
6
5
4
3
2
1
10
100
1000
2000
0.1
1
10
A
B
D
C
A: MAX1044, BOOST = V+, LV = GND
B: MAX1044, BOOST = V+, LV = OPEN
C: ICL7660 AND MAX1044 WITH
BOOST = OPEN, LV = GND;
ABOVE 5V, MAX1044 ONLY
D: ICL7660 AND MAX1044 WITH
BOOST = OPEN, LV = OPEN
QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
100
75
50
25
0
-25
100
200
300
400
500
0
-50
125
ICL7660, MAX1044 WITH BOOST = OPEN
MAX1044 WITH
BOOST = V+
OUTPUT RESISTANCE
vs. OSCILLATOR FREQUENCY
FREQUENCY (Hz)
105
104
103
102
200
100
400
300
700
600
500
1000
900
800
0
101
EXTERNAL
HCMOS
OSCILLATOR
OUTPUT RESISTANCE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
9
8
7
6
5
4
3
2
20
80
60
40
120
100
180
160
140
200
0
1
10
OUTPUT RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
120
100
80
60
40
20
0
-20
-40
30
40
50
60
70
80
20
-60
140
ICL7660,
MAX1044 WITH
BOOST = OPEN
MAX1044 WITH
BOOST = V+
MAX1044/ICL7660
Switched-Capacitor Voltage Converters
Maxim Integrated │ 5
www.maximintegrated.com
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com