Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIRC18DP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIRC18DP
Description  N-Channel 30 V (D-S) MOSFET With Schottky Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIRC18DP Datasheet(HTML) 5 Page - Vishay Siliconix

  SIRC18DP Datasheet HTML 1Page - Vishay Siliconix SIRC18DP Datasheet HTML 2Page - Vishay Siliconix SIRC18DP Datasheet HTML 3Page - Vishay Siliconix SIRC18DP Datasheet HTML 4Page - Vishay Siliconix SIRC18DP Datasheet HTML 5Page - Vishay Siliconix SIRC18DP Datasheet HTML 6Page - Vishay Siliconix SIRC18DP Datasheet HTML 7Page - Vishay Siliconix SIRC18DP Datasheet HTML 8Page - Vishay Siliconix SIRC18DP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SiRC18DP
www.vishay.com
Vishay Siliconix
S21-0843-Rev. D, 09-Aug-2021
5
Document Number: 76402
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Current Derating a
Power, Junction-to-Case
Power, Junction-to-Ambient
Note
a. The power dissipation PD is based on TJ max. = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the
package limit.
10
100
1000
10000
0
40
80
120
160
200
0
25
50
75
100
125
150
Axis Title
T
C - Case Temperature (°C)
2nd line
Package Limited
10
100
1000
10000
0
14
28
42
56
70
0
255075
100
125
150
Axis Title
T
C - Case Temperature (°C)
2nd line
10
100
1000
10000
0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
150
Axis Title
T
A - Ambient Temperature (°C)
2nd line



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com