Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW256DL Datasheet(PDF) 12 Page - STMicroelectronics

Part # M68AW256DL
Description  4 Mbit (256K x16) 3.0V Asynchronous SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW256DL Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M68AW256DL Datasheet HTML 8Page - STMicroelectronics M68AW256DL Datasheet HTML 9Page - STMicroelectronics M68AW256DL Datasheet HTML 10Page - STMicroelectronics M68AW256DL Datasheet HTML 11Page - STMicroelectronics M68AW256DL Datasheet HTML 12Page - STMicroelectronics M68AW256DL Datasheet HTML 13Page - STMicroelectronics M68AW256DL Datasheet HTML 14Page - STMicroelectronics M68AW256DL Datasheet HTML 15Page - STMicroelectronics M68AW256DL Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
M68AW256DL
12/20
Write Mode
The M68AW256DL, when Chip Select (E2) is
High, is in the Write Mode whenever the W and E1
are Low. Either the Chip Enable Input (E1) or the
Write Enable input (W) must be de-asserted dur-
ing Address transitions for subsequent write cy-
cles. When E1 or W is Low, and UB or LB is Low,
write cycle begins on the W or E1 falling edge.
When E1 and W are Low, and UB = LB = High,
write cycle begins on the first falling edge of UB or
LB. Therefore, address setup time is referenced to
Write Enable, Chip Enables and UB/LB as tAVWL,
tAVEL and tAVBL respectively, and is determined by
the latter occurring falling edge.
The Write cycle can be terminated by the earlier
rising edge of E1, W, UB and LB.
If the Output is enabled (E1 = Low, E2 = High, G =
Low, LB or UB = Low), then W will return the
outputs to high impedance within tWLQZ of its
falling edge. Care must be taken to avoid bus
contention in this type of operation. Data input
must be valid for tDVWH before the rising edge of
Write Enable, or for tDVEH before the rising edge of
E1 or for tDVBH before the rising edge of UB/LB,
whichever occurs first, and remain valid for tWHDX,
tEHDX and tBHDX respectively.
Figure 11. Write Enable Controlled, Write AC Waveforms
AI05498
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A17
E1
W
DQ0-DQ15
VALID
tAVWH
tAVEL
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX
tBLBH
UB, LB
E2
tELWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com