Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWI6-E Datasheet(PDF) 1 Page - CUI INC

Part # SWI6-E
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI6-E Datasheet(HTML) 1 Page - CUI INC

  SWI6-E Datasheet HTML 1Page - CUI INC SWI6-E Datasheet HTML 2Page - CUI INC SWI6-E Datasheet HTML 3Page - CUI INC SWI6-E Datasheet HTML 4Page - CUI INC SWI6-E Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 12/09/2020
page 1 of 5
SERIES: SWI6-E
│ DESCRIPTION: AC-DC POWER SUPPLY
FEATURES
• up to 6 W continuous power
• DOE Level VI, CEC, ErP Stage 2
• no load power consumption < 0.1 W
• compact size
• universal input voltage range
• over voltage, over current, and short circuit protections
• CE safety approvals
• EN 62368 compliant
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SWI6 - XX - E - XXX - CXX
DC Plug Type:
XXX = See output plug options
on page 4 for more details
ST = Stripped and Tinned
Output Voltage
AC Input Type:
Europe
MODEL
input
voltage
input
frequency
output
voltage
output
current
output
power
ripple
and
noise1
efficiency
level
no load power
consumption
range
(Vac)
range
(Hz)
nom
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
average2
(%)
10%
(%)
typ
(W)
SWI6-3.3-E
90 ~ 264
47 ~ 63
3.3
1.5
4.95
100
74.0
63.3
0.03
SWI6-5-E
90 ~ 264
47 ~ 63
5
1.5
7.5
100
77.5
66.7
0.05
SWI6-5.9-E
90 ~ 264
47 ~ 63
5.9
1.2
7.08
100
78.7
65.0
0.05
SWI6-7.5-E
90 ~ 264
47 ~ 63
7.5
1.0
7.5
100
80.3
70.1
0.04
SWI6-9-E
90 ~ 264
47 ~ 63
9
0.67
6.03
100
79.9
66.6
0.04
SWI6-12-E
90 ~ 264
47 ~ 63
12
0.6
7.2
120
80.9
65.1
0.05
SWI6-15-E
90 ~ 264
47 ~ 63
15
0.5
7.5
150
80.9
63.3
0.06
Notes:
1.Atfullload,nominalinput,20MHzbandwidthoscilloscope,eachoutputterminatedwith0.1μFmultilayerceramicand47μFlowESRelectrolyticcapacitors.
2.Averageefficiencyismeasuredat25%,50%,75%,and100%load.
Additional Resources: Product Page | 3D Model


Similar Part No. - SWI6-E

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - SWI6-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com